Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061EDD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4061EDD
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061EDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4061EDD Datasheet HTML 4Page - Linear Technology LTC4061EDD Datasheet HTML 5Page - Linear Technology LTC4061EDD Datasheet HTML 6Page - Linear Technology LTC4061EDD Datasheet HTML 7Page - Linear Technology LTC4061EDD Datasheet HTML 8Page - Linear Technology LTC4061EDD Datasheet HTML 9Page - Linear Technology LTC4061EDD Datasheet HTML 10Page - Linear Technology LTC4061EDD Datasheet HTML 11Page - Linear Technology LTC4061EDD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4061

4061fd
block DiagraM
pin FuncTions
resistor, RPROG, to ground. When charging in constant
current mode, this pin servos to 1V. The voltage on this
pin can be used to measure the charge current using the
following formula:
I
V
R
BAT
PROG
PROG
=
• 1000
VCC (Pin 10): Positive Input Supply Voltage. Provides
power to the battery charger. This pin should be bypassed
with a 1µF capacitor.
GND(ExposedPadPin11): Ground. This pin is the back
of the exposed pad package and must be soldered to the
PCB copper for minimal thermal resistance.
+
+
11
9
8
3
CA
MA
1.2V
2.9V
PROG
IDET
RDET
CTIMER
RPROG
0.1V
TO BAT
0.2V
1V
0.1V
+
+
C3
C2
LOGIC
TA
TDIE
105°C
SHDN
4061 BD
GND
+
VA
BAT
1000
1
1
VCC
1
10
IDETECT
RECHRG
4.1V
TO BAT
EN
3M
SEL
TIMER
COUNTER
OSCILLATOR
NTC
LOGIC
EN
C/5
C/5
C/5
STOP
CHRG
ACPR
3M
5
6
7
C1
ACPR
4
2
HOT COLD DIS


Similar Part No. - LTC4061EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061EDD LINER-LTC4061EDD Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
More results

Similar Description - LTC4061EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com