Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3548 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 4 Page - Linear Technology

  LTC3548 Datasheet HTML 1Page - Linear Technology LTC3548 Datasheet HTML 2Page - Linear Technology LTC3548 Datasheet HTML 3Page - Linear Technology LTC3548 Datasheet HTML 4Page - Linear Technology LTC3548 Datasheet HTML 5Page - Linear Technology LTC3548 Datasheet HTML 6Page - Linear Technology LTC3548 Datasheet HTML 7Page - Linear Technology LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3548
4
3548fc
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Input Voltage
Oscillator Frequency
vs Supply Voltage
Oscillator Frequency
vs Temperature
Efficiency vs Load Current
Load Regulation
Line Regulation
Reference Voltage vs Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Junction Temperature
TA = 25°C unless otherwise specified.
INPUT VOLTAGE (V)
2
3548 G04
3
45
6
100
95
90
85
80
75
70
65
60
VOUT = 1.8V, CHANNEL 1
Burst Mode OPERATION
CIRCUIT OF FIGURE 3
800mA
10mA
100mA
1mA
2.5
2.4
2.3
2.2
2.1
2.0
TEMPERATURE (°C)
–50
25
75
3548 G05
–25
0
50
100
125
VIN = 3.6V
10
8
6
4
2
0
–2
–4
–6
–8
–10
SUPPLY VOLTAGE (V)
2
3548 G06
3
45
6
0.615
0.610
0.605
0.600
0.595
0.590
0.585
TEMPERATURE (°C)
–50
25
75
3548 G07
–25
0
50
100
125
VIN = 3.6V
VIN (V)
1
500
450
400
350
300
250
200
46
3548 G08
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
TA = 25°C
JUNCTION TEMPERATURE (°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
3548 G09
–25
0
50
100
150
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3548 G11
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
CHANNEL 1; CIRCUIT OF FIGURE 3
Burst Mode OPERATION
PULSE-SKIPPING MODE
LOAD CURRENT (mA)
1
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
10
100
1000
3548 G12
Burst Mode OPERATION
PULSE-SKIPPING MODE
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
CHANNEL 1; CIRCUIT OF FIGURE 3
VIN (V)
2
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
4
6
3548 G15
35
VOUT = 1.8V
IOUT = 200mA
TA = 25°C


Similar Part No. - LTC3548

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LTC3548 LINER-LTC3548 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3548 LINER-LTC3548 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com