Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2970 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2970
Description  Dual I2C Power Supply Monitor and
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2970 Datasheet HTML 3Page - Linear Technology LTC2970 Datasheet HTML 4Page - Linear Technology LTC2970 Datasheet HTML 5Page - Linear Technology LTC2970 Datasheet HTML 6Page - Linear Technology LTC2970 Datasheet HTML 7Page - Linear Technology LTC2970 Datasheet HTML 8Page - Linear Technology LTC2970 Datasheet HTML 9Page - Linear Technology LTC2970 Datasheet HTML 10Page - Linear Technology LTC2970 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2970/LTC2970-1
7
29701fc
OUTPUT CODE (LSBs)
–2
100000
1,000,000
10,000,000
1
29701 G07
10,000
1000
–1
0
2
100
10
1
VIN = 0V
DAC CODE
0
0
0.25
200
29701 G08
–0.25
–0.50
50
100
150
250
0.50
CHANNELS 0 AND 1 SHOWN
RIOUT0 = RIOUT1 = 10k
DAC CODE
0
0
0.25
200
29701 G09
–0.25
–0.50
50
100
150
250
0.50
CHANNELS 0 AND 1 SHOWN
RIOUT0 = RIOUT1 = 10k
TEMPERATURE ( C)
–50
–0.175
–0.150
–0.100
–0.075
–0.050
50
0.050
29701 G01
–0.125
0
–25
75
25
100
–0.025
0
0.025
BASED ON AVERAGE OF 15 PARTS
ASSEMBLED ON 1/8" THICK PCB
1V
1.8V
2.5V
3.3V
ADC VIN = 5V
INPUT VOLTAGE (V)
0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
35
29701 G02
12
46
INPUT VOLTAGE (V)
0
–0.25
0
0.25
3
5
29701 G03
–0.50
–0.75
–1.00
12
4
0.50
0.75
1.00
6
TEMPERATURE ( C)
–50
–335
–330
–325
–320
–315
–305
–25
025
50
29701 G04
75
100
–310
FREQUENCY AT VIN (Hz)
1
–100
–90
–70
–60
–50
0
–30
10
100
29701 G05
–80
–20
–10
–40
1000
10000
FREQUENCY AT VIN (Hz)
0
–100
–80
–60
–40
5000 10000 15000 20000
29701 G06
25000
–20
0
–90
–70
–50
–30
–10
30000
ADC Total Unadjusted Error
vs Temperature
ADC INL
ADC DNL
TYPICAL PERFOR A CE CHARACTERISTICS
ADC Zero Code Center Offset
Voltage vs Temperature
ADC Rejection vs Frequency
at VIN
ADC Noise Histogram
Voltage Buffered IDAC INL
ADC Rejection vs Frequency
at VIN
Voltage Buffered IDAC DNL


Similar Part No. - LTC2970

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2970 LINER-LTC2970 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
logo
Analog Devices
LTC2970 AD-LTC2970 Datasheet
6Mb / 114P
   2-Channel 짹60V Power System Manager
LTC2970 AD-LTC2970 Datasheet
1Mb / 92P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
Rev. F
More results

Similar Description - LTC2970

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC1921 LINER-LTC1921_15 Datasheet
180Kb / 12P
   Dual 48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921_1 Datasheet
174Kb / 12P
   Dual -48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
177Kb / 12P
   Dual .48V Supply and Fuse Monitor
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
   Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
   Power Supply Monitor
logo
Microchip Technology
MCP39F521 MICROCHIP-MCP39F521 Datasheet
1,001Kb / 52P
   I2C Power Monitor with Calculation and Energy Accumulation
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com