Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLS3015E Datasheet(PDF) 2 Page - TDK Electronics

Part # VLS3015E
Description  Inductors for Power Circuits Wound Ferrite
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS3015E Datasheet(HTML) 2 Page - TDK Electronics

  VLS3015E Datasheet HTML 1Page - TDK Electronics VLS3015E Datasheet HTML 2Page - TDK Electronics VLS3015E Datasheet HTML 3Page - TDK Electronics VLS3015E Datasheet HTML 4Page - TDK Electronics VLS3015E Datasheet HTML 5Page - TDK Electronics VLS3015E Datasheet HTML 6Page - TDK Electronics VLS3015E Datasheet HTML 7Page - TDK Electronics VLS3015E Datasheet HTML 8Page - TDK Electronics VLS3015E Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
(2/53)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_power_vls_en.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 12 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C, Humidity: 10 to 75% RH
or less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - VLS3015E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLS3015E TDK-VLS3015E Datasheet
790Kb / 53P
   Inductors for Power Circuits Wound Ferrite VLS-E series
VLS3015E TDK-VLS3015E Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS3015E TDK-VLS3015E Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS3015E TDK-VLS3015E Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS3015E TDK-VLS3015E Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - VLS3015E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com