Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1865 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1865
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1865 Datasheet HTML 6Page - Linear Technology LTC1865 Datasheet HTML 7Page - Linear Technology LTC1865 Datasheet HTML 8Page - Linear Technology LTC1865 Datasheet HTML 9Page - Linear Technology LTC1865 Datasheet HTML 10Page - Linear Technology LTC1865 Datasheet HTML 11Page - Linear Technology LTC1865 Datasheet HTML 12Page - Linear Technology LTC1865 Datasheet HTML 13Page - Linear Technology LTC1865 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC1864/LTC1865
10
18645fb
PIN FUNCTIONS
VREF (Pin 1): Reference Input. The reference input defines
the span of the A/D converter and must be kept free of
noise with respect to GND.
IN+, IN(Pins 2, 3):
Analog Inputs. These inputs must
be free of noise with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
CONV (Pin 5): Convert Input. A logic high on this input
starts the A/D conversion process. If the CONV input is
left high after the A/D conversion is finished, the part
powers down. A logic low on this input enables the SDO
pin, allowing the data to be shifted out.
SDO (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this pin.
SCK (Pin 7): Shift Clock Input. This clock synchronizes
the serial data transfer.
VCC (Pin 8): Positive Supply. This supply must be kept
free of noise and ripple by bypassing directly to the
analog ground plane.
CONV (Pin 1): Convert Input. A logic high on this input
starts the A/D conversion process. If the CONV input is
left high after the A/D conversion is finished, the part
powers down. A logic low on this input enables the SDO
pin, allowing the data to be shifted out.
CH0, CH1 (Pins 2, 3): Analog Inputs. These inputs must
be free of noise with respect to AGND.
AGND (Pin 4): Analog Ground. AGND should be tied directly
to an analog ground plane.
DGND (Pin 5): Digital Ground. DGND should be tied directly
to an analog ground plane.
SDI (Pin 6):
Digital Data Input. The A/D configuration
word is shifted into this input.
SDO (Pin 7): Digital Data Output. The A/D conversion
result is shifted out of this output.
SCK (Pin 8): Shift Clock Input. This clock synchronizes
the serial data transfer.
VCC (Pin 9): Positive Supply. This supply must be kept
free of noise and ripple by bypassing directly to the
analog ground plane.
VREF (Pin 10): Reference Input. The reference input defines
the span of the A/D converter and must be kept free of
noise with respect to AGND.
LTC1864
LTC1865 (MSOP Package)
LTC1865 (SO-8 Package)
CONV (Pin 1): Convert Input. A logic high on this input
starts the A/D conversion process. If the CONV input is
left high after the A/D conversion is finished, the part
powers down. A logic low on this input enables the SDO
pin, allowing the data to be shifted out.
CH0, CH1 (Pins 2, 3): Analog Inputs. These inputs must
be free of noise with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
SDI (Pin 5):
Digital Data Input. The A/D configuration
word is shifted into this input.
SDO (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
SCK (Pin 7): Shift Clock Input. This clock synchronizes
the serial data transfer.
VCC (Pin 8): Positive Supply. This supply must be kept
free of noise and ripple by bypassing directly to the analog
ground plane. VREF is tied internally to this pin.


Similar Part No. - LTC1865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865 LINER-LTC1865 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1865 LINER-LTC1865 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1865 LINER-LTC1865 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LTC1865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865LCMS LINER-LTC1865LCMS Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865LACMS LINER-LTC1865LACMS Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com