Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN3638A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # PN3638A
Description  PNP General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN3638A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  PN3638A Datasheet HTML 1Page - Fairchild Semiconductor PN3638A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 10 mA, IB = 0
25
V
V(BR)CES
Collector-Emitter Breakdown
Voltage*
IC = 100
µA, I
B = 0
25
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
25
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
4.0
V
ICES
Collector-Cutoff Current
VCE = 15 V, IE = 0
VCE = 15 V, IE = 0, TA = 65
°C
35
2.0
nA
µA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 1.0 V, IC = 50 mA
PN3638
PN3638A
VCE = 2.0 V, IC = 300 mA
PN3638
PN3638A
VCE = 10 V, IC = 100 mA
PN3638
PN3638A
VCE = 10 V, IC = 1.0 mA
PN3638A
30
100
30
20
20
80
100
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 50 mA, IB = 2.5 mA
IC = 300 mA, IB = 30 mA
0.25
1.0
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 50 mA, IB = 2.5 mA
IC = 300 mA, IB = 30 mA
0.8
1.1
2.0
V
V
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 1.0 MHz
PN3638
PN3638A
20
10
pF
pF
Cib
Input Capacitance
VBE = 0.5 V, f = 1.0 MHz
PN3638
PN3638A
65
25
pF
pF
hfe
Small-Signal Current Gain
IC = 50 mA, VCE = 3.0 V,
f = 100 MHz
PN3638
PN3638A
IC = 10 mA, VCE = 10 V,
f = 1.0 kHz
PN3638
PN3638A
1.0
1.5
25
100
hie
Input Impedance
IC = 10 mA, VCE = 10 V,
2.0
k
hoe
Output Admittance
f = 1.0 kHz
1.2
µmhos
hre
Voltage Feedback Ratio
PN3638
PN3638A
26
15
x10
-4
x10
-4
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤300µs, Duty Cycle ≤2.0%
ton
Turn-on Time
VCC = 10 V, IC = 300 mA,
75
ns
td
Delay Time
IB1 = 30 mA
20
ns
tr
Rise Time
70
ns
toff
Turn-off Time
VCC = 10 V, IC = 300 mA
170
ns
ts
Storage Time
IB1 = IB2 = 30 mA
140
ns
tf
Fall Time
70
ns


Similar Part No. - PN3638A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN3638A FAIRCHILD-PN3638A Datasheet
307Kb / 8P
   PNP Small Signal General Purpose Amplifiers & Switches
logo
Micro Electronics
PN3638A MICRO-ELECTRONICS-PN3638A Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
PN3638A CENTRAL-PN3638A Datasheet
20Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
PN3638A FAIRCHILD-PN3638A Datasheet
299Kb / 7P
   PNP General Purpose Amplifier
PN3638A FAIRCHILD-PN3638A Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
More results

Similar Description - PN3638A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com