Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7824TQ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7824TQ
Description  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7824TQ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7824TQ Datasheet HTML 7Page - Analog Devices AD7824TQ Datasheet HTML 8Page - Analog Devices AD7824TQ Datasheet HTML 9Page - Analog Devices AD7824TQ Datasheet HTML 10Page - Analog Devices AD7824TQ Datasheet HTML 11Page - Analog Devices AD7824TQ Datasheet HTML 12Page - Analog Devices AD7824TQ Datasheet HTML 13Page - Analog Devices AD7824TQ Datasheet HTML 14Page - Analog Devices AD7824TQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7824/AD7828
REV. F
–11–
OUTLINE DIMENSIONS
24-Lead Plastic Dual-in-Line Package [PDIP]
(N-24)
Dimensions shown in inches and (millimeters)
24
1
12
13
1.185 (30.01)
1.165 (29.59)
1.145 (29.08)
0.295 (7.49)
0.285 (7.24)
0.275 (6.99)
0.150 (3.81)
0.135 (3.43)
0.120 (3.05)
0.015 (0.38)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
SEATING
PLANE
0.015 (0.38) MIN
0.180
(4.57)
MAX
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
0.150 (3.81)
0.130 (3.30)
0.110 (2.79)
0.100
(2.54)
BSC
0.060 (1.52)
0.050 (1.27)
0.045 (1.14)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MO-095AG
BAND-PASS
FILTER 1
BAND-PASS
FILTER 2
BAND-PASS
FILTER 7
BAND-PASS
FILTER 8
AMP
SPEECH
INPUT
AIN1
AIN2
AIN7
AIN8
VDD
VREF (–)
VREF (+)
5V
GND
5V
CS
RD
DB7
DB0
A2
A1
A0
DATA
AD7828
Figure 19. Speech Analysis Using Real-Time Filtering
VDD
GND
5V
CS
RD
AIN1
AIN2
AIN3
AIN4
VREF (+)
VREF (–)
AD7824
INT
DB7
DB0
A1
A0
WR
DB7
DB0
A1
A0
VOUT A
AGND
DGND
VOUT B
VOUT C
VOUT D
AD7226
VSS
VDD
15V
VO1
VO2
VO3
VO4
SAMPLE
PULSE
VREF
10V
Figure 20. 4-Channel Fast Infinite Sample-and-Hold
28-Lead Plastic Dual-in-Line Package [PDIP]
(N-28)
Dimensions shown in inches and (millimeters)
0.195 (4.95)
0.125 (3.18)
0.015 (0.381)
0.008 (0.204)
0.625 (15.87)
0.600 (15.24)
28
1
14
15
0.580 (14.73)
0.485 (12.32)
1.565 (39.7)
1.380 (35.1)
SEATING
PLANE
0.250 (6.35)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.115 (2.93)
0.015 (0.39)
MIN
0.100 (2.54)
BSC
0.70 (1.77)
0.30 (0.77)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-011AB


Similar Part No. - AD7824TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7824TQ AD-AD7824TQ Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7824TQ AD-AD7824TQ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824TQ AD-AD7824TQ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824TQ/883B AD-AD7824TQ/883B Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
More results

Similar Description - AD7824TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com