Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB75N05HD Datasheet(PDF) 8 Page - Motorola, Inc

Part # MTB75N05HD
Description  TMOS POWER FET 75 AMPERES 50 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB75N05HD Datasheet(HTML) 8 Page - Motorola, Inc

  MTB75N05HD Datasheet HTML 1Page - Motorola, Inc MTB75N05HD Datasheet HTML 2Page - Motorola, Inc MTB75N05HD Datasheet HTML 3Page - Motorola, Inc MTB75N05HD Datasheet HTML 4Page - Motorola, Inc MTB75N05HD Datasheet HTML 5Page - Motorola, Inc MTB75N05HD Datasheet HTML 6Page - Motorola, Inc MTB75N05HD Datasheet HTML 7Page - Motorola, Inc MTB75N05HD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MTB75N05HD
8
Motorola TMOS Power MOSFET Transistor Device Data
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4–32–1, Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MTB75N05HD/D
*MTB75N05HD/D*


Similar Part No. - MTB75N05HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB75N05HD ONSEMI-MTB75N05HD Datasheet
246Kb / 8P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 7
MTB75N05HDT4 ONSEMI-MTB75N05HDT4 Datasheet
246Kb / 8P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 7
More results

Similar Description - MTB75N05HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTB1306 MOTOROLA-MTB1306 Datasheet
176Kb / 8P
   TMOS POWER FET 75 AMPERES
MTP75N05HD MOTOROLA-MTP75N05HD Datasheet
214Kb / 8P
   TMOS POWER FET 75 AMPERES RDS(on) = 9.5 mW 50 VOLTS
MTB75N03HDL MOTOROLA-MTB75N03HDL Datasheet
304Kb / 12P
   TMOS POWER FET LOGIC LEVEL 75 AMPERES 25 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTB50N06EL MOTOROLA-MTB50N06EL Datasheet
97Kb / 4P
   TMOS POWER FET LOGIC LEVEL 50 AMPERES 60 VOLTS
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
   TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
   TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com