Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7564BRS Datasheet(PDF) 7 Page - Analog Devices

Part # AD7564BRS
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7564BRS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7564BRS Datasheet HTML 3Page - Analog Devices AD7564BRS Datasheet HTML 4Page - Analog Devices AD7564BRS Datasheet HTML 5Page - Analog Devices AD7564BRS Datasheet HTML 6Page - Analog Devices AD7564BRS Datasheet HTML 7Page - Analog Devices AD7564BRS Datasheet HTML 8Page - Analog Devices AD7564BRS Datasheet HTML 9Page - Analog Devices AD7564BRS Datasheet HTML 10Page - Analog Devices AD7564BRS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD7564
REV. B
–7–
PIN DESCRIPTIONS
Pin
Number
Mnemonic
Description
1
DGND
Digital Ground.
2
IOUT2C
IOUT2 terminal for DAC C. This should normally connect to the signal ground of the system.
3
VDD
Positive power supply. This is +5 V ± 5%.
4
IOUT1C
IOUT1 terminal for DAC C.
5
RFBC
Feedback resistor for DAC C.
6
VREFC
DAC C reference input.
7
IOUT2D
IOUT2 terminal for DAC D. This should normally connect to the signal ground of the system.
8
IOUT1D
IOUT1 terminal for DAC D.
9
RFBD
Feedback resistor for DAC D.
10
VREFD
DAC D reference input.
11
SDOUT
This shift register output allows multiple devices to be connected in a daisy chain configuration.
12
CLR
Asynchronous CLR input. When this input is taken low, all DAC latches are loaded with all 0s.
13
LDAC
Asynchronous LDAC input. When this input is taken low, all DAC latches are simultaneously updated with the
contents of the input latches.
14
FSIN
Level-triggered control input (active low). This is the frame synchronization signal for the input data. When FSIN
goes low, it enables the input shift register, and data is transferred on the falling edges of CLKIN. If the address
bits are valid, the 12-bit DAC data is transferred to the appropriate input latch on the sixteenth falling edge after
FSIN goes low.
15
SDIN
Serial data input. The device accepts a 16-bit word. DB0 and DB1 are DAC select bits. DB2 and DB3 are device
address bits. DB4 to DB15 contain the 12-bit data to be loaded to the selected DAC.
16
CLKIN
Clock Input. Data is clocked into the input shift register on the falling edges of CLKIN. Add a pull-down resistor on
the clock line to avoid timing issues.
17
A1
Device address pin. This input in association with A0 gives the device an address. If DB2 and DB3 of the serial
input stream do not correspond to this address, the data which follows is ignored and not loaded to any input
latch. However, it will appear at SDOUT irrespective of this.
18
A0
Device address pin. This input in association with A1 gives the device an address.
19
VREFA
DAC A reference input.
20
RFBA
Feedback resistor for DAC A.
21
IOUT1A
IOUT1 terminal for DAC A.
22
IOUT2A
IOUT2 terminal for DAC A. This should normally connect to the signal ground of the system.
23
VREFB
DAC B reference input.
24
RFBB
Feedback resistor for DAC B.
25
IOUT1B
IOUT1 terminal for DAC B.
26
N/C
No Connect pin.
27
AGND
This pin connects to the back gates of the current steering switches. It should be connected to the signal ground
of the system.
28
IOUT2B
IOUT2 terminal for DAC B. This should normally connect to the signal ground of the system.


Similar Part No. - AD7564BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564BRS AD-AD7564BRS Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
More results

Similar Description - AD7564BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
   3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com