Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM325P Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM325P
Description  J1708 Interpreter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM325P Datasheet(HTML) 4 Page - ELM Electronics

  ELM325P Datasheet HTML 1Page - ELM Electronics ELM325P Datasheet HTML 2Page - ELM Electronics ELM325P Datasheet HTML 3Page - ELM Electronics ELM325P Datasheet HTML 4Page - ELM Electronics ELM325P Datasheet HTML 5Page - ELM Electronics ELM325P Datasheet HTML 6Page - ELM Electronics ELM325P Datasheet HTML 7Page - ELM Electronics ELM325P Datasheet HTML 8Page - ELM Electronics ELM325P Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS..... -0.3V to +6.5V
Voltage on any other pin with
respect to VSS........................... -0.3V to (VDD + 0.3V)
Note:
These values are given as a design guideline only.
The ability to operate to these levels is neither
inferred nor recommended, and stresses beyond
those listed here will likely damage the device.
4 of 31
ELM325DSA
ELM325
Electrical Characteristics
Notes:
1. This integrated circuit is based on Microchip Technology Inc.’s PIC16F1823 device. For more detailed
device specifications, and possibly clarification of those given, please refer to the Microchip documentation
(available at http://www.microchip.com/).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells or some charge pump circuits.
3. ELM325 device only – does not include any load currents
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
1.8
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average current, IDD
1.2
mA
8.0
mA
Output low current
Output high current
see note 2
VOUT = 0.6V max
3.5
3.0
J1708 Baud Rate
RS232 Baud Rate
Reset time
900
msec
bps
bps
57600
9600
VDD = 5.0V
0.75
msec
see note 3
VDD = 3.3V
VDD = 5.0V
VDD = 3.3V
6.0
mA
mA
VOUT = 4.3V min
mA
VOUT = 2.6V min
VOUT = 0.6V max
measured from the end of the
command to the start of the ID
message (ELM325 v1.0)
2.0
AT Z
AT WS


Similar Part No. - ELM325P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM320 ELM-ELM320 Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320 ELM-ELM320 Datasheet
80Kb / 16P
   OBD (PWM) to RS232 Interpreter
ELM320DSC ELM-ELM320DSC Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320P ELM-ELM320P Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320P ELM-ELM320P Datasheet
80Kb / 16P
   OBD (PWM) to RS232 Interpreter
More results

Similar Description - ELM325P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM329 ELM-ELM329 Datasheet
358Kb / 76P
   CAN Interpreter
ELM327 ELM-ELM327_1 Datasheet
231Kb / 51P
   OBD to RS232 Interpreter
logo
Zoran Corporation
IPS-FIVE ZORAN-IPS-FIVE Datasheet
79Kb / 2P
   PCL 5 Interpreter
IPS-XPS ZORAN-IPS-XPS Datasheet
79Kb / 2P
   XPS Document Interpreter
logo
ELM Electronics
ELM622 ELM-ELM622 Datasheet
33Kb / 5P
   Infrared Remote Interpreter
logo
List of Unclassifed Man...
ELM327 ETC1-ELM327 Datasheet
24Kb / 5P
   OBD to RS232 Interpreter
logo
ELM Electronics
ELM327 ELM-ELM327_10 Datasheet
378Kb / 76P
   OBD to RS232 Interpreter
logo
Zoran Corporation
IPS-PS3 ZORAN-IPS-PS3 Datasheet
79Kb / 2P
   PostScript 3 Interpreter
IPS-XLC ZORAN-IPS-XLC Datasheet
80Kb / 2P
   PCL XL Interpreter
XP1 ZORAN-XP1 Datasheet
102Kb / 2P
   Embedded XHTML-Print Interpreter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com