Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1199CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1199CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1199CS8 Datasheet HTML 6Page - Linear Technology LTC1199CS8 Datasheet HTML 7Page - Linear Technology LTC1199CS8 Datasheet HTML 8Page - Linear Technology LTC1199CS8 Datasheet HTML 9Page - Linear Technology LTC1199CS8 Datasheet HTML 10Page - Linear Technology LTC1199CS8 Datasheet HTML 11Page - Linear Technology LTC1199CS8 Datasheet HTML 12Page - Linear Technology LTC1199CS8 Datasheet HTML 13Page - Linear Technology LTC1199CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC1197/LTC1197L
LTC1199/LTC1199L
CS (Pin 1): Chip Select Input. A logic low on this input
enables the LTC1197/LTC1197L/LTC1199/LTC1199L.
Power shutdown is activated when CS is brought high.
+ IN, CH0 (Pin 2): Analog Input. This input must be free of
noise with respect to GND.
– IN, CH1 (Pin 3): Analog Input. This input must be free of
noise with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
VREF (Pin 5): LTC1197/LTC1197L Reference Input. The
reference input defines the span of the A/D converter and
must be kept free of noise with respect to GND.
DIN (Pin 5): LTC1199/LTC1199L Digital Data Input. The
A/D configuration word is shifted into this input.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the serial
data transfer.
VCC (Pin 8): Positive Supply. This supply must be kept
free of noise and ripple by bypassing directly to the
analog ground plane. For LTC1199/LTC1199L, VREF is
tied internally to this pin.
CSMPL
BIAS AND
SHUTDOWN CIRCUIT
SERIAL PORT
VCC
CS
CLK
DOUT
+ IN (CH0)
– IN (CH1)
MICROPOWER
COMPARATOR
CAPACITIVE DAC
SAR
VREF
GND
PIN NAMES IN PARENTHESES
REFER TO THE LTC1199/LTC1199L
(DIN)
PI FU CTIO S
BLOCK DIAGRA


Similar Part No. - LTC1199CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1199CS8 LINER-LTC1199CS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1199CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com