Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN2907 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # PN2907
Description  PNP General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN2907 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  PN2907 Datasheet HTML 1Page - Fairchild Semiconductor PN2907 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 10 mA, IB = 040V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICEX
Collector Cutoff Current
VCE = 30 V
50
nA
IB
Base Cutoff Current
VBE = 0.5 V
50
nA
ICBO
Collector Cutoff Current
VCB = 50 V, IE = 0
VCB = 50 V, IE = 0, TA = 150
°C
20
20
nA
µA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 10 V, IC = 0.1 mA
VCE = 10 V, IC = 1.0 mA
VCE = 10 V, IC = 10 mA
VCE = 10 V, IC = 150 mA
VCE = 10 V, IC = 500 mA
35
50
75
100
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.4
1.6
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
1.3
2.6
V
V
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 1.0 MHz
8.0
pF
Cib
Input Capacitance
VEB = 2.0 V, f = 1.0 MHz
30
pF
hfe
Small-Signal Current Gain
IC = 50 mA, VCE = 20 V,
f = 100 MHz
2.0
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
ton
Turn-on Time
VCC = 30 V, IC = 150 mA,
45
ns
td
Delay Time
IB1 = 15 mA , PW = 200 ns
10
ns
tr
Rise Time
40
ns
toff
Turn-off Time
VCC = 6.0 V, IC = 150 mA
100
ns
ts
Storage Time
IB1 = IB2 = 15 mA
80
ns
tf
Fall Time
30
ns


Similar Part No. - PN2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2907 PHILIPS-PN2907 Datasheet
71Kb / 8P
   PNP switching transistor
1997 May 05
logo
List of Unclassifed Man...
PN2907 ETC-PN2907 Datasheet
301Kb / 1P
   PNP OUTPUT TRANSISTOR
logo
Fairchild Semiconductor
PN2907 FAIRCHILD-PN2907 Datasheet
58Kb / 6P
   PNP General Purpose Amplifier
logo
Micro Electronics
PN2907 MICRO-ELECTRONICS-PN2907 Datasheet
231Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
PN2907 FAIRCHILD-PN2907 Datasheet
55Kb / 3P
   PNP General Purpose Amplifier
More results

Similar Description - PN2907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com