Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2514A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # TPS2514A
Description  USB Dedicated Charging Port Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPS2514A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button TPS2514A Datasheet HTML 7Page - Diodes Incorporated TPS2514A Datasheet HTML 8Page - Diodes Incorporated TPS2514A Datasheet HTML 9Page - Diodes Incorporated TPS2514A Datasheet HTML 10Page - Diodes Incorporated TPS2514A Datasheet HTML 11Page - Diodes Incorporated TPS2514A Datasheet HTML 12Page - Diodes Incorporated TPS2514A Datasheet HTML 13Page - Diodes Incorporated TPS2514A Datasheet HTML 14Page - Diodes Incorporated TPS2514A Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
D-
D+
GND
VBUS
5 V
1.2 V
2.7V
2.0V
S1
S2
S3
S4
DP1
DM1
GND
TPS2513, TPS2514
Divider 2
S1, S2: ON
S3, S4: OFF
Short Mode
S4 ON
S1, S2, S3: OFF
1.2V on DP1 and DM1
S3, S4: ON
S1, S2: OFF
D-
D+
GND
VBUS
200
Ÿ (max)
5.0 V
1.2 V
TPS2513, TPS2513A
TPS2514, TPS2514A
www.ti.com
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
Applying 1.2 V to the D+ Line and 1.2 V to the D– Line
As shown in Figure 12, some tablet USB chargers require 1.2 V on the shorted data lines of the USB connector.
The maximum resistance between the D+ line and the D- line is 200
Ω.
Figure 12. DCP Applying 1.2 V to the D+ Line and 1.2 V to the D– Line
The devices are USB dedicated charging port (DCP) controllers. Applications include vehicle power charger, wall
adapters with USB DCP and other USB chargers. The device DCP controllers have the auto-detect feature that
monitors the D+ and D– line voltages of the USB connector, providing the correct electrical signatures on the DP
and DM pins for the correct detections of compliant portable devices to fast charge. These portable devices
include smart phones, 5-V tablets and personal media players.
DCP Auto-Detect
The devices integrate an auto-detect feature to support divider mode, short mode and 1.2 V / 1.2 V modes. If a
divider device is attached, 2.7 V is applied to the DP pin and 2 V is applied to the DM pin. If a BC1.2-compliant
device is attached, the TPS2513 and TPS2514 automatically switches into short mode. If a device compliant with
the 1.2 V / 1.2 V charging scheme is attached, 1.2 V is applied on both the DP pin and the DM pin. The
functional diagram of DCP auto-detect feature (DM1 and DP1) is shown in Figure 13. DCP auto-detect feature
(DM2 and DP2 of TPS2513) has the same functional configuration. For TPS2513A and TPS2514A, the devices
also have DCP auto-detect feature and the auto-detect have the same functional configuration expect for the
default mode is Divider 3 (D+/D- = 2.7V / 2.7V).
Figure 13. TPS2513 and TPS2514 DCP Auto-Detect Functional Diagram
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables DP1, DM1, DP2 and DM2 output voltage until the input voltage
reaches the UVLO turn-on threshold. Built-in hysteresis prevents unwanted oscillations due to input voltage drop
from large current surges.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A


Similar Part No. - TPS2514A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2514A TI1-TPS2514A Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A TI1-TPS2514A Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514ADBVR TI1-TPS2514ADBVR Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2514A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com