Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2514 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # TPS2514
Description  USB Dedicated Charging Port Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPS2514 Datasheet(HTML) 4 Page - Diodes Incorporated

  TPS2514 Datasheet HTML 1Page - Diodes Incorporated TPS2514 Datasheet HTML 2Page - Diodes Incorporated TPS2514 Datasheet HTML 3Page - Diodes Incorporated TPS2514 Datasheet HTML 4Page - Diodes Incorporated TPS2514 Datasheet HTML 5Page - Diodes Incorporated TPS2514 Datasheet HTML 6Page - Diodes Incorporated TPS2514 Datasheet HTML 7Page - Diodes Incorporated TPS2514 Datasheet HTML 8Page - Diodes Incorporated TPS2514 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS2513, TPS2513A
TPS2514, TPS2514A
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Conditions are –40°C
≤ (TJ = TA) ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V. Positive current are into pins. Typical values are at 25°C. All
voltages are with respect to GND (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDERVOLTAGE LOCKOUT
VUVLO
IN rising UVLO threshold voltage
3.9
4.1
4.3
V
Hysteresis(1)
100
mV
SUPPLY CURRENT
IIN
IN supply current
4.5 V
≤ V IN ≤ 5.5 V
155
200
µA
BC 1.2 DCP MODE (SHORT MODE)
RDPM_SHORT1
DP1 and DM1 shorting resistance
VDP1 = 0.8 V, IDM1 = 1 mA
157
200
Ω
RDCHG_SHORT1
Resistance between DP1/DM1 and GND
VDP1 = 0.8 V
350
656
1150
k
Ω
Voltage threshold on DP1 under which the
VDPL_TH_DETACH1
310
330
350
mV
device goes back to divider mode
VDPL_TH_DETACH_HYS1
Hysteresis(1)
50
mV
RDPM_SHORT2
DP2 and DM2 shorting resistance
VDP2 = 0.8V, IDM2 = 1 mA
157
200
Ω
RDCHG_SHORT2
Resistance between DP2/DM2 and GND
VDP2 = 0.8 V
350
656
1150
k
Ω
Voltage threshold on DP2 under which the
VDPL_TH_DETACH2
310
330
350
mV
device goes back to divider mode
VDPL_TH_DETACH_HYS2
Hysteresis(1)
50
mV
DIVIDER MODE (TPS2513, TPS2514)
VDP1_2.7V
DP1 output voltage
VIN = 5 V
2.57
2.7
2.84
V
VDM1_2V
DM1 output voltage
VIN = 5 V
1.9
2
2.1
V
RDP1_PAD1
DP1 output impedance
IDP1 = –5 µA
24
30
36
k
Ω
RDM1_PAD1
DM1 output impedance
IDM1 = –5 µA
24
30
36
k
Ω
VDP2_2.7V
DP2 output voltage
VIN = 5 V
2.57
2.7
2.84
V
VDM2_2V
DM2 output voltage
VIN = 5 V
1.9
2
2.1
V
RDP2_PAD1
DP2 output impedance
IDP2 = –5 µA
24
30
36
k
Ω
RDM2_PAD1
DM2 output impedance
IDM2 = –5 µA
24
30
36
k
Ω
DIVIDER MODE (TPS2513A, TPS2514A)
VDP1_2.7V
DP1 output voltage
VIN = 5 V
2.57
2.7
2.84
V
VDM1_2V
DM1 output voltage
VIN = 5 V
2.57
2.7
2.84
V
RDP1_PAD1
DP1 output impedance
IDP1 = –5 µA
24
30
36
k
Ω
RDM1_PAD1
DM1 output impedance
IDM1 = –5 µA
24
30
36
k
Ω
VDP2_2.7V
DP2 output voltage
VIN = 5 V
2.57
2.7
2.84
V
VDM2_2V
DM2 output voltage
VIN = 5 V
2.57
2.7
2.84
V
RDP2_PAD1
DP2 output impedance
IDP2 = –5 µA
24
30
36
k
Ω
RDM2_PAD1
DM2 output impedance
IDM2 = –5 µA
24
30
36
k
Ω
1.2 V / 1.2 V MODE
VDP1_1.2V
DP1 output voltage
VIN = 5 V
1.12
1.2
1.28
V
VDM1_1.2V
DM1 output voltage
VIN = 5 V
1.12
1.2
1.28
V
RDM1_PAD2
DP1 output impedance
IDP1 = –5 µA
80
102
130
k
Ω
RDP1_PAD2
DM1 output impedance
IDM1 = –5 µA
80
102
130
k
Ω
VDP2_1.2V
DP2 output voltage
VIN = 5 V
1.12
1.2
1.28
V
VDM2_1.2V
DM2 output voltage
VIN = 5 V
1.12
1.2
1.28
V
RDP2_PAD2
DP2 output impedance
IDP2 = –5 µA
80
102
130
k
Ω
RDM2_PAD2
DM2 output impedance
IDM2 = –5 µA
80
102
130
k
Ω
(1)
Parameters provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's product
warranty
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A


Similar Part No. - TPS2514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2514 TI1-TPS2514 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A TI1-TPS2514A Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A TI1-TPS2514A Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com