Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32024A3474M Datasheet(PDF) 8 Page - EPCOS

Part # B32024A3474M
Description  Film Capacitors EMI Suppression Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32024A3474M Datasheet(HTML) 8 Page - EPCOS

Back Button B32024A3474M Datasheet HTML 4Page - EPCOS B32024A3474M Datasheet HTML 5Page - EPCOS B32024A3474M Datasheet HTML 6Page - EPCOS B32024A3474M Datasheet HTML 7Page - EPCOS B32024A3474M Datasheet HTML 8Page - EPCOS B32024A3474M Datasheet HTML 9Page - EPCOS B32024A3474M Datasheet HTML 10Page - EPCOS B32024A3474M Datasheet HTML 11Page - EPCOS B32024A3474M Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Mounting guidelines
1
Soldering
1.1
Solderability of leads
The solderability of terminal leads is tested to IEC 60068-2-20, test Ta, method 1.
Before a solderability test is carried out, terminals are subjected to accelerated ageing (to
IEC 60068-2-2, test Ba: 4 h exposure to dry heat at 155
°C). Since the ageing temperature is far
higher than the upper category temperature of the capacitors, the terminal wires should be cut off
from the capacitor before the ageing procedure to prevent the solderability being impaired by the
products of any capacitor decomposition that might occur.
Solder bath temperature
235
±5 °C
Soldering time
2.0
±0.5 s
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Evaluation criteria:
Visual inspection
Wetting of wire surface by new solder
≥90%, free-flowing solder
1.2
Resistance to soldering heat
Resistance to soldering heat is tested to IEC 60068-2-20, test Tb, method 1A.
Conditions:
Series
Solder bath temperature Soldering time
MKT boxed (except 2.5
× 6.5 × 7.2 mm)
coated
uncoated (lead spacing > 10 mm)
260
±5 °C
10
±1 s
MFP
MKP (lead spacing > 7.5 mm)
MKT boxed (case 2.5
× 6.5 × 7.2 mm)
5
±1 s
MKP
MKT
(lead spacing
≤ 7.5 mm)
uncoated (lead spacing
≤ 10 mm)
insulated (B32559)
< 4 s
recommended soldering
profile for MKT uncoated
(lead spacing
≤ 10 mm) and
insulated (B32559)
B32021 ... B32026
Y2 / 300 V AC
Page 8 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32024A3474M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32024A3474M EPCOS-B32024A3474M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32024A3474M EPCOS-B32024A3474M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32024A3474M TDK-B32024A3474M Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
EPCOS
B32024A3474MK000 EPCOS-B32024A3474MK000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32024A3474MK189 EPCOS-B32024A3474MK189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32024A3474M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32911 EPCOS-B32911_13 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B81141 EPCOS-B81141 Datasheet
118Kb / 5P
   Film Capacitors EMI Suppression Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com