Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MMBT2222A
Description  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT2222A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MMBT2222A Datasheet HTML 1Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 2Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 3Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 4Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 5Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
PN2222A
*PZT2222A
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
125
°C/W
Symbol
Characteristic
Max
Units
**MMBT2222A
MMPQ2222
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
1,000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
357
125
240
°C/W
°C/W
°C/W
Typical Characteristics
NPN General Purpose Amplifier
(continued)
*Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
**Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
Base-Emitter ON Voltage vs
Collector Current
0.1
1
10
25
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 °C
125 °C
- 40 °C
Base-Emitter Saturation
Voltage vs Collector Current
1
10
100
500
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
β = 10
25 °C
125 °C
- 40 °C
Collector-Emitter Saturation
Voltage vs Collector Current
110
100
500
0.1
0.2
0.3
0.4
I
- COLLECTOR CURRENT (mA)
25 °C
C
β = 10
125 °C
- 40 °C
Typical Pulsed Current Gain
vs Collector Current
0.1
0.3
1
3
10
30
100
300
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE


Similar Part No. - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MMBT2222A INFINEON-MMBT2222A Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
logo
NXP Semiconductors
MMBT2222A PHILIPS-MMBT2222A Datasheet
47Kb / 8P
   NPN switching transistor
2000 Apr 11
logo
SHIKUES Electronics
MMBT2222A SKTECHNOLGY-MMBT2222A Datasheet
677Kb / 3P
   TRANSISTOR (NPN)
logo
Bruckewell Technology L...
MMBT2222A BWTECH-MMBT2222A Datasheet
423Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
MMBT2222A UTC-MMBT2222A Datasheet
118Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com