Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCEEZW-A1-0000-0000H030F Datasheet(PDF) 5 Page - Cree, Inc

Part # MCEEZW-A1-0000-0000H030F
Description  Product family data sheet
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MCEEZW-A1-0000-0000H030F Datasheet(HTML) 5 Page - Cree, Inc

  MCEEZW-A1-0000-0000H030F Datasheet HTML 1Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 2Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 3Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 4Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 5Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 6Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 7Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 8Page - Cree, Inc MCEEZW-A1-0000-0000H030F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®v, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc.
5
xlamp mC-e leds
relative sPectral PoWer distribution (i
f = 350 ma Per led) - White
The following graph represents typical spectral output of the XLamp mC-e white LeD with all four LeDs on simultaneously.
relative sPectral PoWer distribution (i
f = 350 ma Per led) - color
The following graph represents typical spectral output of the XLamp mC-e Color LeD with all four LeDs on simultaneously.
Relative Spectral Power Distribution (If = 350 mA per LED) - White
The following graph represents typical spectral output of the XLamp MC-E White LED with all four LEDs on simultaneously.
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
5000K - 10000K CCT
3700K - 5000K CCT
2600K - 3700K CCT
Relative Spectral Power Distribution (If = 350 mA per LED) - Color
The following graph represents typical spectral output of the XLamp MC-E Color LED with all four LEDs on simultaneously.
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
RGBW (6000K)
RGBW (4000K)


Similar Part No. - MCEEZW-A1-0000-0000H030F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCEE1005T1R0MHN TAIYO-YUDEN-MCEE1005T1R0MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
MCEE1005T1R0MHN TAIYO-YUDEN-MCEE1005T1R0MHN Datasheet
304Kb / 2P
   Multilayer Metal Power Inductors MCOIL??LSCN series for General Electronic Equipment
2022.01.18
MCEE1005TR10MHN TAIYO-YUDEN-MCEE1005TR10MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
MCEE1005TR10MHN TAIYO-YUDEN-MCEE1005TR10MHN Datasheet
304Kb / 2P
   Multilayer Metal Power Inductors MCOIL??LSCN series for General Electronic Equipment
2022.01.18
MCEE1005TR22MHN TAIYO-YUDEN-MCEE1005TR22MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
More results

Similar Description - MCEEZW-A1-0000-0000H030F

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com