Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCEEZW-P1-0000-0000H030H Datasheet(PDF) 9 Page - Cree, Inc

Part # MCEEZW-P1-0000-0000H030H
Description  Product family data sheet
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MCEEZW-P1-0000-0000H030H Datasheet(HTML) 9 Page - Cree, Inc

Back Button MCEEZW-P1-0000-0000H030H Datasheet HTML 5Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 6Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 7Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 8Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 9Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 10Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 11Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 12Page - Cree, Inc MCEEZW-P1-0000-0000H030H Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®v, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc.
9
xlamp mC-e leds
refloW soldering characteristics
In testing, Cree has found XLamp MC-E LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed
below. As a general guideline, Cree recommends that users follow the recommended soldering profile provided by the
manufacturer of solder paste used.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
lead-based solder
lead-free solder
Average Ramp-Up Rate (Ts
max to Tp)
3 °C/second max.
3 °C/second max.
preheat: Temperature min (Ts
min)
100 °C
150 °C
preheat: Temperature max (Ts
max)
150 °C
200 °C
preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time maintained Above: Temperature (T
L)
183 °C
217°C
Time maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
Peak/Classification Temperature (Tp)
215 °C
260 °C
Time within 5 °C of Actual peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6 °C/second max.
6 °C/second max.
Time 25 °C to peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
S
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min


Similar Part No. - MCEEZW-P1-0000-0000H030H

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCEE1005T1R0MHN TAIYO-YUDEN-MCEE1005T1R0MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
MCEE1005T1R0MHN TAIYO-YUDEN-MCEE1005T1R0MHN Datasheet
304Kb / 2P
   Multilayer Metal Power Inductors MCOIL??LSCN series for General Electronic Equipment
2022.01.18
MCEE1005TR10MHN TAIYO-YUDEN-MCEE1005TR10MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
MCEE1005TR10MHN TAIYO-YUDEN-MCEE1005TR10MHN Datasheet
304Kb / 2P
   Multilayer Metal Power Inductors MCOIL??LSCN series for General Electronic Equipment
2022.01.18
MCEE1005TR22MHN TAIYO-YUDEN-MCEE1005TR22MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
More results

Similar Description - MCEEZW-P1-0000-0000H030H

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com