Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1962EMS8-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1962EMS8-3.3
Description  300mA, Low Noise, Micropower LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962EMS8-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LT1962EMS8-3.3 Datasheet HTML 1Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 2Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 3Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 4Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 5Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 6Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 7Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 8Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1962 Series
TYPICAL PERFOR A CE CHARACTERISTICS
LT1962-3 Quiescent Current
LT1962-3.3 Output Voltage
LT1962-5 Output Voltage
LT1962 ADJ Pin Voltage
LT1962-2.5 Output Voltage
LT1962-3 Output Voltage
TEMPERATURE (
°C)
–50
2.53
25
1962 G07
2.50
2.48
–25
0
50
2.47
2.46
2.54
2.52
2.51
2.49
75
100
125
IL = 1mA
TEMPERATURE (
°C)
–50
3.045
25
1962 G08
3.000
2.970
–25
0
50
2.955
2.940
3.060
3.030
3.015
2.985
75
100
125
IL = 1mA
TEMPERATURE (
°C)
–50
5.075
25
1962 G10
5.000
4.950
–25
0
50
4.925
4.900
5.100
5.050
5.025
4.975
75
100
125
IL = 1mA
TEMPERATURE (
°C)
–50
1.235
25
1962 G11
1.220
1.210
–25
0
50
1.205
1.200
1.240
1.230
1.225
1.215
75
100
125
IL = 1mA
LT1962-1.5 Quiescent Current
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1962 G12
246
10
7
135
9
TJ = 25°C
RL =
VSHDN = VIN
VSHDN = 0V
LT1962-2.5 Quiescent Current
LT1962-1.8 Quiescent Current
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1962 G13
246
10
7
135
9
TJ = 25°C
RL =
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1962 G14
246
10
7
135
9
TJ = 25°C
RL =
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1962 G15
246
10
7
135
9
TJ = 25°C
RL =
VSHDN = VIN
VSHDN = 0V
TEMPERATURE (
°C)
–50
3.345
25
1962 G09
3.300
3.270
–25
0
50
3.255
3.240
3.360
3.330
3.315
3.285
75
100
125
IL = 1mA


Similar Part No. - LT1962EMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results

Similar Description - LT1962EMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com