Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1765EFE-5PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1765EFE-5PBF
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765EFE-5PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1765EFE-5PBF Datasheet HTML 5Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 6Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 7Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 8Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 9Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 10Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 11Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 12Page - Linear Technology LT1765EFE-5PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
9
1765fd
Table 2. Surface Mount Solid Tantalum Capacitor ESR
and Ripple Current
E Case Size
ESR (Max, Ω)
Ripple Current (A)
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
AVX TAJ
0.7 to 0.9
0.4
D Case Size
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
C Case Size
AVX TPS
0.2 (typ)
0.5 (typ)
Figure 3 shows a comparison of output ripple for a ceramic
and tantalum capacitor at 200mA ripple current.
APPLICATIONS INFORMATION
IOUT MAX
() =
Continuous Mode
I
VV
V
Lf V
P
OUT
IN
OUT
IN
()(
)
()( )(
)
2
For VIN = 8V, VOUT = 5V and L = 3.3μH,
IOUT MAX
()
.•
.
=−
()
()
()(
)(
3
58 5
2 3 3 10
1 25 10
8
66
))
=−
=
3 0 23 2 77
..
A
Note that the worst case (minimum output current avail-
able) condition is at the maximum input voltage. For the
same circuit at 15V, maximum output current would be
only 2.6A.
Inductor Selection
The output inductor should have a saturation current rating
greater than the peak inductor current set by the current
comparator of the LT1765. The peak inductor current will
depend on the output current, input and output voltages
and the inductor value:
II
VV
V
Lf V
PEAK
OUT
OUT
IN
OUT
IN
=+
()
()( )
()
2
VIN = Maximum input voltage
f = Switching frequency, 1.25MHz
If an inductor with a peak current lower than the maximum
switch current of the LT1765 is chosen a soft-start circuit
in Figure 10 should be used. Also, short-circuit conditions
should not be allowed because the inductor may saturate
resulting in excessive power dissipation.
Also, consideration should be given to the resistance
of the inductor. Inductor conduction loses are directly
proportional to the DC resistance of inductor. Sometime,
the manufacturers will also provide maximum current
rating based on the allowable losses in the inductor. Care
should be taken, however. At high input voltages and low
DCR, excessive switch current could flow during shorted
output condition.
Suitable inductors are available from Coilcraft, Coiltronics,
Dale, Sumida, Toko, Murata, Panasonic and other
manufacturers.
Figure 3. Output Ripple Voltage Waveform
VSW
(5V/DIV)
VOUT USING 2.2μF
CERAMIC CAPACITOR
(10mV/DIV)
VOUT USING 47μF, 0.1Ω
TANTALUM CAPACITOR
(10mV/DIV)
0.2μs/DIV
1765 F03
INDUCTOR CHOICE AND MAXIMUM OUTPUT
CURRENT
Maximum output current for an LT1765 buck converter is
equal to the maximum switch rating (IP) minus one half
peak to peak inductor ripple current. The LT1765 main-
tains a constant switch current rating at all duty cycles.
(Patent Pending)
For most applications, the output inductor will be in the
1μH to 10μH range. Lower values are chosen to reduce
the physical size of the inductor, higher values allow higher
output currents due to reduced peak to peak ripple current.
The following formula gives maximum output current for
continuous mode operation, implying that the peak to peak
ripple (2x the term on the right) is less than the maximum
switch current.


Similar Part No. - LT1765EFE-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765EFE-5 LINER-LT1765EFE-5 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765EFE-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com