Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCE4WT-A2-0000-000KE4 Datasheet(PDF) 2 Page - Cree, Inc

Part # MCE4WT-A2-0000-000KE4
Description  Product family data sheet
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MCE4WT-A2-0000-000KE4 Datasheet(HTML) 2 Page - Cree, Inc

  MCE4WT-A2-0000-000KE4 Datasheet HTML 1Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 2Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 3Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 4Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 5Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 6Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 7Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 8Page - Cree, Inc MCE4WT-A2-0000-000KE4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®v, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc.
2
xlamp mC-e leds
characteristics - comPlete Package
The following table lists the product characteristics for the XLamp mC-e LeD package.
characteristics
unit
minimum
typical
maximum
Thermal Resistance, junction to solder point - white
°C/w
3
Thermal Resistance, junction to solder point - color
°C/w
4
viewing Angle (FwHm) - white
degrees
110
viewing Angle (FwHm) - color
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
LED Junction Temperature
°C
150
characteristics - Per led die (White, easyWhite, dynamic White)
The following table lists the product characteristics of each individual LeD die within the XLamp mC-e white LeD package.
characteristics
unit
minimum
typical
maximum
Temperature Coefficient of Voltage
mv/°C
-4
DC Forward Current
mA
700
Reverse voltage
v
5
Forward voltage (@ 350 mA)
v
3.1
3.9
Forward voltage (@ 700 mA)
v
3.4
characteristics - Per led die (color)
The following table lists the product characteristics for each LeD die within the XLamp mC-e Color LeD package.
characteristics
unit
red
green
blue
White
Temperature Coefficient of Voltage
mv/°C
Typical
-2
-4
-4
-4
DC Forward Current
mA
maximum
700
700
700
700
Reverse voltage
v
maximum
5
5
5
5
Forward voltage (@ 350 mA)
v
Typical
2.1
3.4
3.2
3.1
maximum
2.5
3.9
3.9
3.9
Forward voltage (@ 700 mA)
v
Typical
2.3
3.7
3.5
3.5


Similar Part No. - MCE4WT-A2-0000-000KE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MCE4WT-A2-0000-000KE4 CREE-MCE4WT-A2-0000-000KE4 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 MC-E LED
More results

Similar Description - MCE4WT-A2-0000-000KE4

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com