Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1085MK Datasheet(PDF) 3 Page - Linear Technology

Part # LT1085MK
Description  7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1085MK Datasheet(HTML) 3 Page - Linear Technology

  LT1085MK Datasheet HTML 1Page - Linear Technology LT1085MK Datasheet HTML 2Page - Linear Technology LT1085MK Datasheet HTML 3Page - Linear Technology LT1085MK Datasheet HTML 4Page - Linear Technology LT1085MK Datasheet HTML 5Page - Linear Technology LT1085MK Datasheet HTML 6Page - Linear Technology LT1085MK Datasheet HTML 7Page - Linear Technology LT1085MK Datasheet HTML 8Page - Linear Technology LT1085MK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1083/LT1084/LT1085 Fixed
1083ffd
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
LT1084-3.3
IOUT = 0mA, TJ = 25°C, VIN = 8V (K Package Only)
3.270
3.300
3.330
V
4.8V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULLOAD (Notes 3, 4, 9)
3.235
3.300
3.365
V
LT1085-3.3
VIN = 5V, IOUT = 0mA, TJ = 25°C (K Package Only)
3.270
3.300
3.330
V
4.8V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULLOAD (Notes 3, 4, 9)
3.235
3.300
3.365
V
LT1085-3.6
VIN = 5V, IOUT = 0mA, TJ = 25°C (K Package Only)
3.564
3.600
3.636
V
5V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULLOAD (Note 9)
3.500
3.672
V
5V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ IFULLOAD, TJ ≥ 0°C (Notes 3, 4, 9)
3.528
3.672
V
LT1085-3.6
5V
≤ VIN ≤ 15V, 0 ≤ IOUT ≤ 2.5A (Notes 3, 4, 9)
3.528
3.672
V
VIN = 4.75V, IOUT = 3A, TJ ≥ 0°C
3.350
3.672
V
VIN = 4.75V, IOUT = 2.5A, TJ ≥ 0°C
3.450
3.672
V
VIN = 4.75V, IOUT = 1.5A, TJ > 0°C
3.528
3.672
V
LT1083/4/5-5
IOUT = 0mA, TJ = 25°C, VIN = 8V (K Package Only)
4.950
5.000
5.050
V
0
≤ IOUT ≤ IFULLOAD, 6.5V ≤ VIN ≤ 20V (Notes 4, 6, 7, 9)
4.900
5.000
5.100
V
LT1083/4/5-12 IOUT = 0mA, TJ = 25°C, VIN = 15V (K Package Only)
11.880
12.000
12.120
V
0
≤ IOUT ≤ IFULLOAD, 13.5V ≤ VIN ≤ 25V (Notes 4, 6, 7, 9)
11.760
12.000
12.240
V
Line Regulation
LT1084-3.3
IOUT = 0mA, TJ = 25°C, 4.8V ≤ VIN ≤ 15V
0.5
6
mV
1.0
6
mV
LT1085-3.3
4.8V
≤ VIN ≤ 15V, IOUT = 0mA, TJ= 25°C
0.5
6
mV
1.0
6
mV
LT1085-3.6
4.8V
≤ VIN ≤ 15V, IOUT = 0mA, TJ= 25°C
0.5
6
mV
1.0
6
mV
LT1083/4/5-5
IOUT = 0mA, TJ = 25°C, 6.5V ≤ VIN ≤ 20V (Notes 2, 3)
0.5
10
mV
1.0
10
mV
LT1083/4/5-12 IOUT = 0mA, TJ = 25°C, 13.5V ≤ VIN ≤ 25V (Notes 2, 3)
1.0
25
mV
2.0
25
mV
Load Regulation
LT1084-3.3
VIN = 5V, 0 ≤ IOUT ≤ 5A, TJ = 25°C3
15
mV
720
mV
LT1085-3.3
VIN = 5V, 0 ≤ IOUT ≤ 3A, TJ = 25°C3
15
mV
720
mV
LT1085-3.6
VIN = 5.25V, 0 ≤ IOUT ≤ 3A, TJ = 25°C3
15
mV
720
mV
LT1083/4/5-5
VIN = 8V, 0 ≤ IOUT ≤ IFULLLOAD, TJ = 25°C (Notes 2, 3, 4, 6)
5
20
mV
10
35
mV
LT1083/4/5-12 VIN = 15V, 0 ≤ IOUT ≤ IFULLLOAD, TJ = 25°C (Notes 2, 3, 4, 6)
12
36
mV
24
72
mV
Dropout Voltage
LT1084/5-3.3
ΔVOUT = 33mV, IOUT = IFULL LOAD (Notes 5, 6)
1.3
1.5
V
LT1085-3.6
ΔVOUT = 36mV, IOUT = IFULL LOAD (Notes 5, 6)
1.3
1.5
V
LT1083/4/5-5
ΔVOUT = 50mV, IOUT = IFULL LOAD (Notes 5, 6)
1.3
1.5
V
LT1083/4/5-12
ΔVOUT = 120mV, IOUT = IFULL LOAD (Notes 5, 6)
1.3
1.5
V
Current Limit
LT1083-5
VIN = 10V
8.0
9.5
A
LT1083-12
VIN = 17V
8.0
9.5
A
LT1084-3.3
VIN = 8V
5.5
6.5
A
LT1084-5
VIN = 10V
5.5
6.5
A
LT1084-12
VIN = 17V
5.5
6.5
A
LT1085-3.3/3.6 VIN = 8V
3.2
4.0
A
LT1085-5
VIN = 10V
3.2
4.0
A
LT1085-12
VIN = 17V
3.2
4.0
A
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.


Similar Part No. - LT1085MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085MK LINER-LT1085MK Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Seme LAB
LT1085MK SEME-LAB-LT1085MK Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Linear Technology
LT1085MK LINER-LT1085MK Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085MK-12 LINER-LT1085MK-12 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1085MK-12 LINEAR-LT1085MK-12 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1085MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com