Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD790BQ Datasheet(PDF) 4 Page - Analog Devices

Part # AD790BQ
Description  Fast, Precision Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790BQ Datasheet(HTML) 4 Page - Analog Devices

  AD790BQ Datasheet HTML 1Page - Analog Devices AD790BQ Datasheet HTML 2Page - Analog Devices AD790BQ Datasheet HTML 3Page - Analog Devices AD790BQ Datasheet HTML 4Page - Analog Devices AD790BQ Datasheet HTML 5Page - Analog Devices AD790BQ Datasheet HTML 6Page - Analog Devices AD790BQ Datasheet HTML 7Page - Analog Devices AD790BQ Datasheet HTML 8Page - Analog Devices AD790BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD790
REV. D
–4–
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 500 mW
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . .
±16.5 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
(N, R) . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
(Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . 300
°C
Logic Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal characteristics: plastic N-8 package:
θ
JA = 90
°C/watt; ceramic Q-8
package:
θ
JA = 110
°C/watt, θ
JC = 30
°C/watt. SOIC (R-8) package: θ
JA = 160
°C
watt;
θ
JC = 42
°C/watt.
AD790
0.1µF
0.1µF
0.1µF
15V
+
+IN
–IN
5V
+
510
OUTPUT
15V
LATCH
(OPTIONAL)
8
1
5
7
6
4
3
2
Figure 1. Basic Dual Supply
Configuration (N, Q Package Pinout)
AD790
1
2
3
4
5
6
7
8
+5V
+15V
–15V
TEK
7904
SCOPE
–5V
VOLTAGE
SOURCE
10
–5mV
0.1µF
–100mV
–1.3V
–1.7V
–5V
HP8112
PULSE
GENERATOR
1k
HP2835
MPS
571
0.1µF
0.1µF
0.1µF
10k
650
400
50
25
130
Figure 3. Response Time Test Circuit (N, Q Package Pinout)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option
AD790JN
0
°C to 70°C
Plastic DIP
N-8
AD790JR
0
°C to 70°C
SOIC
SO-8
AD790JR-REEL
0
°C to 70°C
Reel
AD790JR-REEL7 0
°C to 70°C
SOIC
R-8
AD790KN*
0
°C to 70°C
Plastic DIP
N-8
AD790AQ
–40
°C to +85°C
Cerdip
Q-8
AD790BQ*
–40
°C to +85°C
Cerdip
Q-8
AD790SQ
–55
°C to +125°C Cerdip
Q-8
*Not for new designs; obsolete April 2002.
For military processed devices, please refer to the standard Mi-
crocircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-9150501MPA*
AD790 SQ/883
*Not for new designs; obsolete April 2002.
AD790
1
2
3
4
5
6
7
8
0.1µF
+IN
–IN
5V
+
OUTPUT
LATCH
(OPTIONAL)
510
Figure 2. Basic Single Supply
Configuration (N, Q Package Pinout)


Similar Part No. - AD790BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790BQ AD-AD790BQ Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790BQ AD-AD790BQ Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
More results

Similar Description - AD790BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
   Fast, Precision Comparator
Rev. E
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790 Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
   PRECISION VOLTAGE COMPARATOR
logo
Fairchild Semiconductor
UA734 FAIRCHILD-UA734 Datasheet
509Kb / 10P
   PRECISION VOLTAGE COMPARATOR
logo
Renesas Technology Corp
PC311 RENESAS-PC311_15 Datasheet
359Kb / 12P
   PRECISION VOLTAGE COMPARATOR
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
   UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
   UltraFast Precision 10ns Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com