Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD725AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD725AR
Description  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD725AR Datasheet(HTML) 2 Page - Analog Devices

  AD725AR Datasheet HTML 1Page - Analog Devices AD725AR Datasheet HTML 2Page - Analog Devices AD725AR Datasheet HTML 3Page - Analog Devices AD725AR Datasheet HTML 4Page - Analog Devices AD725AR Datasheet HTML 5Page - Analog Devices AD725AR Datasheet HTML 6Page - Analog Devices AD725AR Datasheet HTML 7Page - Analog Devices AD725AR Datasheet HTML 8Page - Analog Devices AD725AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD725–SPECIFICATIONS
REV. 0
–2–
(Unless otherwise noted, VS = +5, TA = +25 C, using 4FSC synchronous clock. All loads are
150
5% at the IC pins. Outputs are measured at the 75
reverse terminated load.)
Parameter
Conditions
Min
Typ
Max
Units
SIGNAL INPUTS (RIN, GIN, BIN)
Input Amplitude
Full Scale
714
mV p-p
Black Level
1
0.8
V
Input Resistance
2
RIN, GIN, BIN
1
M
Input Capacitance
5pF
LOGIC INPUTS (HSYNC, VSYNC, 4FSC, CE, STND)
TTL Logic Levels
Logic Low Input Voltage
1V
Logic High Input Voltage
2V
Logic Low Input Current (DC)
1
µA
Logic High Input Current (DC)
1
µA
VIDEO OUTPUTS
3
Luminance (LUMA)
Bandwidth, –3 dB
NTSC
4.4
MHz
PAL
5.2
MHz
Gain Error
–7
–2
+7
%
Nonlinearity
max p-p
0.3
%
Sync Level
NTSC
252
279
310
mV
PAL
264
291
325
mV
DC Black Level
1.3
V
Luminance Trap (YTRAP)
Output Resistance
1.0
k
DC Black Level
1.0
V
Chrominance (CRMA)
Bandwidth, –3 dB
NTSC
1.2
MHz
PAL
1.5
MHz
Color Burst Amplitude
NTSC
206
255
305
mV p-p
PAL
221
291
362
mV p-p
Color Burst Width
NTSC
2.51
µs
PAL
2.28
µs
Chroma Level Error
4
–4
%
Chroma Phase Error5
±3
Degrees
DC Black Level
2.0
V
Chroma Feedthrough
R, G, B = 0
15
40
mV p-p
Composite (COMP)
Absolute Gain Error
With Respect to Luma
–5
–1
+3
%
Differential Gain
With Respect to Chroma
0.5
%
Differential Phase
With Respect to Chroma
1.5
Degrees
DC Black Level
1.4
V
Chroma/Luma Time Alignment
S-Video
20
ns
POWER SUPPLIES
Recommended Supply Range
Single Supply
+4.75
+5.25 V
Quiescent Current—Encode Mode
30
36
mA
Quiescent Current—Power Down
<1
µA
NOTES
1R, G, and B signals are inputted via an external ac coupling capacitor.
2Except during dc restore period (back porch clamp).
3All outputs measured at a 75
Ω reverse-terminated load; ac voltages at the IC output pins are twice those specified here.
4Difference between ideal and actual color bar subcarrier amplitudes.
5Difference between ideal and actual color bar subcarrier phases.
Specifications are subject to change without notice.


Similar Part No. - AD725AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD725AR AD-AD725AR Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR AD-AD725AR Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR AD-AD725AR Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR-REEL AD-AD725AR-REEL Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725AR-Reel AD-AD725AR-Reel Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
More results

Similar Description - AD725AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD725 AD-AD725 Datasheet
347Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725ARZ-RL AD-AD725ARZ-RL Datasheet
222Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD725 AD-AD725_15 Datasheet
351Kb / 20P
   Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
REV. 0
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com