Electronic Components Datasheet Search |
|
AD630AR Datasheet(PDF) 8 Page - Analog Devices |
|
AD630AR Datasheet(HTML) 8 Page - Analog Devices |
8 / 13 page REV. E AD630 –7– The collectors of each switching cell connect to an input trans- conductance stage. The selected cell conveys bias currents i22 and i23 to the input stage it controls, causing it to become active. The deselected cell blocks the bias to its input stage which, as a consequence, remains off. The structure of the transconductance stages is such that it presents a high impedance at its input terminals and draws no bias current when deselected. The deselected input does not interfere with the operation of the selected input ensuring maxi- mum channel separation. Another feature of the input structure is that it enhances the slew rate of the circuit. The current output of the active stage follows a quasi-hyperbolic-sine relationship to the dif- ferential input voltage. This means that the greater the input voltage, the harder this stage will drive the output integrator, and the faster the output signal will move. This feature helps ensure rapid, symmetric settling when switching between inverting and noninverting closed loop configurations. The output section of the AD630 includes a current mirror- load (Q24 and Q25), an integrator-voltage gain stage (Q32), and a complementary output buffer (Q44 and Q74). The outputs of both transconductance stages are connected in parallel to the current mirror. Since the deselected input stage produces no output current and presents a high impedance at its out- puts, there is no conflict. The current mirror translates the differential output current from the active input transconductance amplifier into single-ended form for the output integrator. The complementary output driver then buffers the integrator output to produce a low impedance output. OTHER GAIN CONFIGURATIONS Many applications require switched gains other than the ±1 and ±2 which the self-contained applications resistors provide. The AD630 can be readily programmed with three external resistors over a wide range of positive and negative gain by selecting and RB and RF to give the noninverting gain 1 + RF/RB and subsequent RA to give the desired inverting gain. Note that when the inverting magnitude equals the noninverting magnitude, the value of RA is found to be RBRF/(RB + RF). That is, RA should equal the parallel combination of RB and RF to match positive and negative gain. The feedback synthesis of the AD630 may also include reactive impedance. The gain magnitudes will match at all frequencies if the A impedance is made to equal the parallel combination of the B and F impedances. The same considerations apply to the AD630 as to conventional op amp feedback circuits. Virtually any function that can be realized with simple noninverting “L net- work” feedback can be used with the AD630. A common arrangement is shown in Figure 6. The low frequency gain of this circuit is 10. The response will have a pole (–3 dB) at a frequency f 1/(2 π 100 kΩC) and a zero (3 dB from the high frequency asymptote) at about 10 times this frequency. The 2 k Ω resistor in series with each capacitor mitigates the loading effect on circuitry driving this circuit, eliminates stability problems, and has a minor effect on the pole-zero locations. As a result of the reactive feedback, the high frequency com- ponents of the switched input signal will be transmitted at unity gain while the low frequency components will be ampli- fied. This arrangement is useful in demodulators and lock-in amplifiers. It increases the circuit dynamic range when the modulation or interference is substantially larger than the desired signal amplitude. The output signal will contain the desired signal multiplied by the low frequency gain (which may be several hundred for large feedback ratios) with the switching signal and interference superimposed at unity gain. C –VS A B 10k VO 11.11k 12 Vi 100k 2k C 2k 2 20 19 18 13 7 8 9 10 SEL B SEL A CHANNEL STATUS B/ A Figure 6. AD630 with External Feedback SWITCHED INPUT IMPEDANCE The noninverting mode of operation is a high input impedance configuration while the inverting mode is a low input impedance configuration. This means that the input impedance of the circuit undergoes an abrupt change as the gain is switched under control of the comparator. If gain is switched when the input signal is not zero, as it is in many practical cases, a tran- sient will be delivered to the circuitry driving the AD630. In most applications, this will require the AD630 circuit to be driven by a low impedance source which remains “stiff ” at high frequencies. Generally, this will be a wideband buffer amplifier. FREQUENCY COMPENSATION The AD630 combines the convenience of internal frequency compensation with the flexibility of external compensation by means of an optional self-contained compensation capacitor. In gain of ±2 applications, the noise gain that must be addressed for stability purposes is actually 4. In this circumstance, the phase margin of the loop will be on the order of 60 ° without the optional compensation. This condition provides the maximum bandwidth and slew rate for closed loop gains of |2| and above. When the AD630 is used as a multiplexer, or in other configura- tions where one or both inputs are connected for unity gain feedback, the phase margin will be reduced to less than 20 °. This may be acceptable in applications where fast slewing is a first priority, but the transient response will not be optimum. For these applications, the self-contained compensation capacitor may be added by connecting Pin 12 to Pin 13. This connection reduces the closed-loop bandwidth somewhat and improves the phase margin. For intermediate conditions, such as gain of ±1 where loop attenuation is 2, use of the compensation should be determined by whether bandwidth or settling response must be optimized. The optional compensation should also be used when the AD630 is driving capacitive loads or whenever conservative frequency compensation is desired. OFFSET VOLTAGE NULLING The offset voltages of both input stages and the comparator have been pretrimmed so that external trimming will only be required in the most demanding applications. The offset adjust- ment of the two input channels is accomplished by means of a differential and common-mode scheme. This facilitates fine adjustment of system errors in switched gain applications. With |
Similar Part No. - AD630AR |
|
Similar Description - AD630AR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |