Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM34W02EMT8X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NM34W02EMT8X
Description  2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM34W02EMT8X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NM34W02EMT8X Datasheet HTML 4Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 5Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 6Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 7Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 8Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 9Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 10Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 11Page - Fairchild Semiconductor NM34W02EMT8X Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.fairchildsemi.com
NM34W02 Rev. C.2
S
T
O
P
Bus Activity:
Master
SDA Line
DATA n + 15
DATA n + 1
DATA n
BYTE ADDRESS (n)
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
A
C
K
DATA
A
C
K
A
C
K
S
T
A
R
T
WORD
ADDRESS
SLAVE
ADDRESS
Bus Activity:
Master
SDA Line
S
T
O
P
Bus Activity:
Master
SDA Line
Bus Activity:
DEVICE
ADDRESS
DATA
DON'T CARE
DON'T CARE
BYTE
ADDRESS
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
A
C
K
A
C
K
DS500078-15
DS500078-16
DS500078-17
Write Protect Scheme (Continued)
Byte Write (Figure 5).
Page Write (Figure 6).
WP Register Write (Figure 7).
Read Operations
Read operations are initiated in the same manner as write
operations, with the exception that the R/W bit of the slave address
is set to a one. There are three basic read operations: current
address read, random read, and sequential read.
CURRENT ADDRESS READ
Internally the NM34W02 contains an address counter that main-
tains the address of the last word accessed, incremented by one.
Therefore, if the last access (either a read or write) was to address
n, the next read operation would access data from address n + 1.
Upon receipt of the slave address with R/W set to one, the
NM34W02 issues an acknowledge and transmits the data byte.
The master will not acknowledge the transfer but does generate
a stop condition, and therefore the NM34W02 discontinues trans-
mission. Refer to
Figure 8 for the sequence of address, acknowl-
edge and data transfer.
RANDOM READ
Random read operations allow the master to access any memory
location in a random manner. Prior to issuing the slave address
with the R/W bit set to one, the master must first perform a
“dummy” write operation. The master issues the start condition,
slave address, R/W bit set to zero, and then the word address to
be read. After the slave word address acknowledge, the master
immediately reissues the start condition and the slave address
with the R/W bit set to one. This will be followed by an acknowl-
edge from the NM34W02 and then by the eight bit word. The
master will not acknowledge the transfer but does generate the
stop condition, and therefore the NM34W02 discontinues trans-
mission. Refer to
Figure 9 for the address, acknowledge and data
transfer sequence.
SEQUENTIAL READ
Sequential reads can be initiated as either a current address read
or random access read. The first word is transmitted in the same
manner as the other read modes; however, the master now
responds with an acknowledge, indicating it requires additional
data. The NM34W02 continues to output data for each acknowl-
edge received. The read operation is terminated by the master not
responding with an acknowledge or by generating a stop condition.
The data output is sequential, with the data from address n
followed by the data from n + 1. The address counter for read
operations increments all word address bits, allowing the entire
memory contents to be serially read during one operation. After
the entire memory has been read, the counter 'rolls over' and the
NM34W02 continues to output data for each acknowledge re-
ceived. Refer to
Figure 10 for the address, acknowledge, and data
transfer sequence.


Similar Part No. - NM34W02EMT8X

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NM3484KSLAXA7 NANYA-NM3484KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA7-3D NANYA-NM3484KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA73DNA NANYA-NM3484KSLAXA73DNA Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7 NANYA-NM3488KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7-3D NANYA-NM3488KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
More results

Similar Description - NM34W02EMT8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24WXX FAIRCHILD-NM24WXX Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Microchip Technology
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com