Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-001002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 61-001002
Description  Choose one component from each of the colored sections to assemble a complete switch.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

61-001002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  61-001002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 6Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 7Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 8Page - List of Unclassifed Manufacturers 61-001002 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
60
www.eaoswitch.com
EAO Switch Condensed Catalog 100
Series 61
Choose one component from each of the colored sections to assemble a complete switch.
For other options or further information please contact EAO Switch directly.
INDICATOR
PUSHBUTTON
KEYLOCK
E-STOP
SELECTOR
16mm
22.5mm
21 x 21mm
21 x 27mm
IP65
5A
250VAC
The Series 61 is a high quality,
modular switch range that includes
pushbuttons, indicators, selector
switches, keylock switches and
Emergency-stops. Available in
raised or flush mount.
Self cleaning snap-action and slow-
make switching elements available.
Technical drawings see pages 67-68
Product Profile
• IP65 Protection
• Switch Rating, 5A, 250VAC
• Raised Mounting into 16mm cut out
• Flush Mounting into 22.5mm, 21x21mm
and 21x27mm cut out
• Illumination using midget-grooved T-13/4 lamps or single chip LED’s
• All standard lenses are transparent with translucent white diffusers and are
available in different colors
• For keylock switches 135 different key codes are available
A guide to ordering parts -
choice of front bezel
determines front shape
for flush mount versions.
Accessories are optional.
Indicator
LED
Accessories
+
+
+
A
Accessories
A
Contact block
LED (optional)
+
+
+
+
Accessories
A
Accessories
A
Contact block
Contact block
+
+
+
Accessories
A
Accessories
A
Accessories
A
Accessories
A
Contact block
Contact block
+
Accessories
A
Illuminated pushbutton
Keylock switch
Selector switch
For a complete indicator you will need to order the appropriate indicator, LED, lens and bezel (for flush mount only)
For a complete illuminated pushbutton you will need to order the appropriate actuator, contact block, LED, lens and bezel (for flush mount only)
For a complete keylock switch you will need to order the appropriate actuator, contact block and bezel (for flush mount only)
For a complete selector switch you will need to order the appropriate actuator, contact block, LED, lever and bezel (for flush mount only)
OR
OR
OR
LED (optional)
+
+
+


Similar Part No. - 61-001002

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
61-000148-03 OMRON-61-000148-03 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000148-04 OMRON-61-000148-04 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000162-03 OMRON-61-000162-03 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000162-04 OMRON-61-000162-04 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
61-000204-01 OMRON-61-000204-01 Datasheet
6Mb / 42P
   Autofocus Multicode Reader
More results

Similar Description - 61-001002

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B512-2T CRYDOM-B512-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B512FSE-2T CRYDOM-B512FSE-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
   The need to choose a high value of the fly-back voltage
logo
Crydom Inc.,
B612-2T CRYDOM-B612-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
   Choose the size of alligator clips
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com