Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UUX1J101MNL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UUX1J101MNL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUX1J101MNL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  UUX1J101MNL1GS Datasheet HTML 1Page - Nichicon corporation UUX1J101MNL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated ripple current (mArms) at 105°C 120Hz
Dimensions
Frequency coefficient of rated ripple current
Cap.(µF)
0001 to 47V00
100 to 1000
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz or more
0.80
1.00
1.15
1.40
1.67
0.85
1.00
1.08
1.20
1.30
Frequency
Size
φ6.3 × 7.7 is available for capacitors marked. " " / Size φ8 × 10 is available for capacitors marked. " "
In this case, 6 will be put at 12th digit of type numbering system.
4.7
10
22
33
47
100
220
330
470
680
1000
4R7
100
220
330
470
101
221
331
471
681
102
8
×10
8
×10
10
×10
10
×10
10
×10
161(121)
288
340(316)
408
495
90
173
318(296)
351(326)
392
8
×6.2
8
×10
10
×10
10
×10
10
×10
148(111)
330(307)
441(410)
489
8
×10
10
×10
10
×10
10
×10
79(78)
181
351(283)
372
8
×6.2
8
×10
10
×10
10
×10
76(75)
124
304(283)
450
8
×6.2
8
×10
10
×10
10
×10
67(64)
133
180(167)
310
8
×6.2
8
×10
10
×10
10
×10
51
108
185(179)
220
320
8
×6.2
8
×10
10
×10
10
×10
10
×10
42
75
150(121)
180
230
8
×6.2
8
×10
10
×10
10
×10
10
×10
35
1V
50
1H
63
1J
100
2A
25
1E
16
1C
10
1A
6.3
0J
1
1.8
2.2
3.3
3.9
4.7
6.8
10
18
010
1R8
2R2
3R3
3R9
4R7
6R8
100
180
V
Code
V
Code
8
×10
8
×10
8
×10
10
×10
10
×10
10
×10
25
26
27
38
39
40
400
2G
8
×10
10
×10
57
64
160
2C
8
×10
8
×10
8
×10
8
×10
10
×10
31
34
37
44
64
200
2D
8
×10
8
×10
8
×10
8
×10
10
×10
31
34
37
44
64
250
2E
Cap.
(
µF)
Cap.
(
µF)
Case size
φD × L (mm)
Rated
ripple
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given
in page 18, 19.
Please select UJ(p.116) series if high C/V products are
reqired.
Please refer to page 3 for the minimum order quantity.
ALUMINUM ELECTROLYTIC CAPACITORS
UX
series
CAT.8100B


Similar Part No. - UUX1J101MNL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUX1J102MCL NICHICON-UUX1J102MCL Datasheet
63Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UUX1J101MNL1GS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com