Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S82AKP Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S82AKP
Description  Variable Resolution, Monolithic Resolver-to-Digital Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S82AKP Datasheet(HTML) 4 Page - Analog Devices

  AD2S82AKP Datasheet HTML 1Page - Analog Devices AD2S82AKP Datasheet HTML 2Page - Analog Devices AD2S82AKP Datasheet HTML 3Page - Analog Devices AD2S82AKP Datasheet HTML 4Page - Analog Devices AD2S82AKP Datasheet HTML 5Page - Analog Devices AD2S82AKP Datasheet HTML 6Page - Analog Devices AD2S82AKP Datasheet HTML 7Page - Analog Devices AD2S82AKP Datasheet HTML 8Page - Analog Devices AD2S82AKP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD2S81A
AD2S82A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
RATIO MULTIPLIER
AC Error Output Scaling
10 Bit
177.6
mV/Bit
12 Bit
44.4
44.4
mV/Bit
14 Bit
11.1
mV/Bit
16 Bit
2.775
mV/Bit
PHASE SENSITIVE DETECTOR
Output Offset Voltage
12
12
mV
Gain
In Phase
w.r.t. REF
–0.882
–0.9
–0.918
–0.882
–0.9
–0.918
V rms/V dc
In Quadrature
w.r.t. REF
0.04
0.04
V rms/V dc
Input Bias Current
60
150
60
150
nA
Input Impedance
1
1
M
Input Voltage
±8
±8V
INTEGRATOR
Open-Loop Gain
At 10 kHz
57
63
57
63
dB
Dead Zone Current (Hysteresis)
100
100
nA/LSB
Input Offset Voltage
1
5
1
5
mV
Input Bias Current
60
150
60
150
nA
Output Voltage Range
±V
S = ± 10.8 V dc
±7V
VCO
±V
S = ± 12 V dc
Maximum Rate
1.0
1.1
1.0
1.1
MHz
VCO Rate
Positive DIR
7.1
7.9
8.7
7.1
7.9
8.7
kHz/
µA
Negative DIR
7.1
7.9
8.7
7.1
7.9
8.7
kHz/
µA
VCO Power Supply Sensitivity
Increase
+VS
+0.5
+0.5
%/V
–VS
–8.0
–8.0
%/V
Decrease
+VS
–8.0
–8.0
%/V
–VS
+2.0
+2.0
%/V
Input Offset Voltage
1
5
1
5
mV
Input Bias Current
70
380
70
380
nA
Input Bias Current Tempco
–1.22
–1.22
nA/
°C
Input Voltage Range
±8
±8V
Linearity of Absolute Rate
Full Range
<2
<2
% FSD
Over 0% to 50% of Full Range
<1
<1
% FSD
Reversion Error
1.5
1.5
% FSD
Sensitivity of Reversion Error
±8
±8
%/V of
to Symmetry of Power Supplies
Asymmetry
VCO Output1, 2
±2.7
±3.0
±3.3
V/LSB
POWER SUPPLIES
Voltage Levels
+VS
+10.8
+13.2
+10.8
+13.2
V
–VS
–10.8
–13.2
–10.8
–13.2
V
+VL
+5
+13.2
+5
+13.2
V
Current
+IS
±V
S @
±12 V
12
23
12
23
mA
+IS
±V
S @
±13.2 V
19
30
19
30
mA
+IL
±V
L @
±5.0 V
0.5
1.5
0.5
1.5
mA
NOTES
1The VCO output swings between
±3 V depending on the resolver direction.
2AD2S82A only.
Specifications in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
(typical @ +25 C unless otherwise noted)
AD2S81A/AD2S82A–SPECIFICATIONS
ESD SENSITIVITY
The AD2S81A and AD2S82A features an input protection circuit consisting of large “distributed”
diodes and polysilicon series resistors to dissipate both high energy discharge (Human Body Model)
and fast, low energy pulses (Charges Device Model).
The AD2S81A and AD2S82A is ESD protection Class II (2000 V min). Proper ESD precautions are
strongly recommended to avoid functional damage or performance degradation. For further informa-
tion on ESD precautions, refer to Analog Devices ESD Prevention Manual.
–4–
REV. B
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Operating
Temperature
Package
Accuracy
Ranges
Options*
AD2S81AJD
30 arc min
0
°C to +70°C
D-28
AD2S82AHP
22 arc min
–40
°C to +85°C
P-44A
AD2S82AJP
8 arc min
–40
°C to +85°C
P-44A
AD2S82AKP
4 arc min
–40
°C to +85°C
P-44A
AD2S82ALP
2 arc min
–40
°C to +85°C
P-44A
*D = Ceramic DIP Package; P = Plastic Leaded Chip Carrier (PLCC) Package.


Similar Part No. - AD2S82AKP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S82AKP AD-AD2S82AKP Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
More results

Similar Description - AD2S82AKP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S82A AD-AD2S82A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com