Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA4810-D12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RA4810-D12
Description  Solid State Relays Industrial, 1-Phase ZS, Standard Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RA4810-D12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RA4810-D12 Datasheet HTML 1Page - List of Unclassifed Manufacturers RA4810-D12 Datasheet HTML 2Page - List of Unclassifed Manufacturers RA4810-D12 Datasheet HTML 3Page - List of Unclassifed Manufacturers RA4810-D12 Datasheet HTML 4Page - List of Unclassifed Manufacturers RA4810-D12 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice (28.02.2007)
2-61
RA 24.. .. 06, RA 44.. .. 08, RA 48.. .. 12
RA 24.. .. 06
RA 44.. .. 08
RA 48.. .. 12
Operational voltage range
24 to 280 VACrms
42 to 480 VACrms
42 to 530 VACrms
Blocking voltage
≥ 650 V
p
≥ 850 V
p
≥ 1200 V
p
Zero voltage turn-on
≤ 20 V
≤ 40 V
≤ 40 V
Operational frequency range
45 to 65 Hz
45 to 65 Hz
45 to 65 Hz
Power factor
≥ 0.5 @ 230 VACrms
≥ 0.5 @ 400 VACrms
≥ 0.5 @ 480 VACrms
Approvals
UL, CSA
UL, CSA
UL, CSA
General Specifications
RA .... -D ..
RA .... LA ..
RA .... HA ..
Control voltage range
3 to 32 VDC
10 to 90 VAC/DC
90 to 280 VAC/DC
Pick-up voltage
≤ 3 VDC
≤ 10 VAC/DC
≤ 90 VAC/DC
Drop-out voltage
≥ 1 VDC
≥ 1 VAC/DC
≥ 10 VAC/DC
Reverse voltage
≤ 32 VDC
Input impedance
1.5 k
5.4 k
44 k
Response time pick-up
≤ 1/2 cycle
≤ 1 cycle
≤ 1 cycle
Control pulse width
≥ 0.5 ms
≥ 0.5 ms
≥ 0.5 ms
Response time drop-out
≤ 1/2 cycle
≤ 1/2 cycle
≤ 1/2 cycle
Input Specifications
Output Specifications
RA ..10 .. ..
RA ..25 .. ..
RA ..50 .. ..
RA ..90 .. ..
Rated operational current AC 51
16 Arms
25 Arms
50 Arms
90 Arms
AC 53a 3 Arms
5 Arms
15 Arms
20 Arms
Minimum operational current
150 mArms
150 mArms
250 mArms
400 mArms
Rep. overload current t=1 s
≤ 35 Arms
≤ 55 Arms
≤ 125 Arms
≤ 150 Arms
Non-rep. surge current t=10 ms 160 Ap
325 Ap
600 Ap
1150 Ap
Off-state leakage current
@ rated voltage and frequency
≤ 2.5 mArms
≤ 3 mArms
≤ 3 mArms
≤ 3 mArms
I2t for fusing t=10 ms
≤ 130 A2s
≤ 525 A2s
≤ 1800 A2s
≤ 6600 A2s
On-state voltage drop
@ rated current
≤ 1.6 Vrms
≤ 1.6 Vrms
≤ 1.6 Vrms
≤ 1.6 Vrms
Critical dV/dt commutating
≥ 500 V/µs
≥ 500 V/µs
≥ 500 V/µs
≥ 500 V/µs
Critical dV/dt off-state
≥ 500 V/µs
≥ 500 V/µs
≥ 500 V/µs
≥ 500 V/µs
RA ..10 .. ..
RA ..25 .. ..
RA ..50 .. ..
RA ..90 .. ..
Operating temperature
-20
° to +70°C-20° to +70°C-20° to +70°C-20° to +70°C
(-4° to +158°F)
(-4° to +158°F)
(-4° to +158°F)
(-4° to +158°F)
Storage temperature
-40
° to +100°C-40° to +100°C-40° to +100°C-40° to +100°C
(-40° to +212°F)
(-40° to +212°F)
(-40° to +212°F)
(-40° to +212°F)
Junction temperature
≤ 125°C (≤ 257°F)
≤ 125°C (≤ 257°F)
≤ 125°C (≤ 257°F)
≤ 125°C (≤ 257°F)
Rth junction to case
≤ 2.0 K/W
≤ 1.25 K/W
≤ 0.65 K/W
≤ 0.3 K/W
Rth junction to ambient
≤ 12.5 K/W
≤ 12 K/W
≤ 12 K/W
≤ 12 K/W
Thermal Specifications


Similar Part No. - RA4810-D12

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA4803SA EPSON-RA4803SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
logo
Wall Industries,Inc.
RA4805UW5 WALL-RA4805UW5 Datasheet
388Kb / 10P
   5W DC-DC Converter
More results

Similar Description - RA4810-D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com