Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

290AX Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 290AX
Description  TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

290AX Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  290AX Datasheet HTML 1Page - Hammond Manufacturing Ltd. 290AX Datasheet HTML 2Page - Hammond Manufacturing Ltd. 290AX Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
98
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Replacement - Tube Guitar Chokes (194 Series)
Part No.
Inductance
(Henrys)
Amplifier
Manufacturer
Amplifier
Model Names
Equivalent To
Mfg'ers Part
Number
194A
4
Fender
Deluxe, Deluxe Reverb, Vibrolux, Vibrolux Reverb
125C3A & 022707
194B
4
Fender
Bandmaster, Dual Showman, Pro Reverb, Twin Super
125C1A & 022699
194C
40
Marshall
JCM 800
-
194D
5
VOX
AC30 reissue
-
194E
30
VOX
AC30 vintage
-
TUBE GUITAR AMPLIFIER - POWER
TRANSFORMERS
Designed for drop in replacement of original tube guitar amplifier power supply chokes.
Physically, parts were designed to look similar to original factory units (where possible).
For individual photos of each part - visit our website: www.hammondmfg.com
DISCLAIMER: Hammond Mfg. is not affiliated with Fender Musical Instruments Corp., Marshall Amplification or VOX Amplification companies. Am-
plifier model names Bandmaster, Deluxe, Deluxe Reverb, Dual Showman, Pro Reverb, Twin Super, Vibrolux & Vibrolux Reverb are all trademarks
of Fender Musical Instruments Corp.


Similar Part No. - 290AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
290A ETC1-290A Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
logo
Communications & Power ...
290A CPI-290A Datasheet
78Kb / 1P
   RF linear amplifier
logo
Intronics Power, Inc.
290A INTRONICS-290A Datasheet
1Mb / 6P
   Low Cost, Single and Multichannel Isolation Amplifier
logo
Hammond Manufacturing L...
290AAX HAMMOND-290AAX Datasheet
236Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results

Similar Description - 290AX

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1760C HAMMOND-1760C Datasheet
1Mb / 3P
   TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMER
logo
Analog Devices
RTM-1736 AD-RTM-1736_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1686 AD-STM1686_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
RTM-1696 AD-RTM-1696_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1697 AD-STM1697_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1687 AD-STM1687_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1696 AD-STM1696_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1736 AD-STM1736_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com