Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

141M Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 141M
Description  P.C. BOARD MOUNT AUDIO TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

141M Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  141M Datasheet HTML 1Page - Hammond Manufacturing Ltd. 141M Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
73
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
P.C. Board Mount (148-149 Series)
P.C. BOARD MOUNT
AUDIO TRANSFORMERS
Pin type (0.25" length & 0.025" square), P.C. board mount.
Economical, open type, horizontal bracket construction. 149 Series includes clinching lugs for extra mounting
strength.
Frequency response 200 Hz. - 15 Khz. (+/- 1 db, ref. @ 1 Khz.).
Total distortion approximately 2% for drivers and 1% for outputs at 200 Hz., decreasing at higher frequencies.
Insertion loss less than 1/2 db.
Bifilar wound for balanced capacitive and resistance characteristics, on pin bobbins for standard 0.2" grid pin spacing.
Insulation test 250V RMS.
For rugged epoxy cast type units refer to our 102, 104, 106, or 107, 108 & 109 series.
Net weight: 0.6 oz. (148 Series) & 1.0 oz. (149 Series).
NOTES:
*1) For output transformers the current figure is for maximum unbalanced current
*2) D.C. resistance shown is for the total primary or secondary windings (ie: if unit contains multiple primary or
secondary windings the figure shown is with the windings connected in series).
Part
No.
Application
Nominal Impedance
Pri D.C.
(*1) ma.
D.C. Resistance +/- 15% (*2)
Output
Milliwatts
Dwg.
Figure
Primary Secondary
Primary
Secondary
148A
Input
150/600
600/2400
1.9
45
300
300
1
148B
Input
150
400/1600
3.8
11.3
200
300
2
148C
Input
50000
250/1000
0
1760
25.4
12
2
148D
Input
200K
1000
0
1760
6.2
3
3
148E
Driver
500
125/500
18
79
60
75
2
148F
Driver
1500
125/500
11.6
220
58
75
2
148H
Driver
3000
250/1000
7.5
480
107
75
2
148K
Driver
4000
500/2000
6.5
540
230
75
2
148M
Driver
6000
500/2000
5.3
850
230
75
2
148Q
Driver
10000
500/2000
4.1
1700
238
75
2
148R
Driver
20000
250/1000
2.4
2230
123
50
2
148T
Output
500 C.T.
3.2
2.1
41
0.34
300
4
148V
Output
600 C.T.
150 C.T.
1.9
45
14
300
5
148X
Output
4000 C.T.
3.2
0.8
380
0.34
300
4
148Y
Output
5000 C.T. 500 C.T.
0.7
410
52
300
5
149C
Driver
160
20/80
56
24
6.5
200
2
149E
Driver
300
30/120
42
41
9.7
200
2
149F
Driver
450
40/160
33
52
19
200
2
149G
Driver
600
150/600
29
92
58
200
2
149H
Driver
1000
60/240
22
155
24
200
2
149Q
Output
200 C.T.
3.2
7
19
0.4
1000
4
149S
Output
600 C.T.
150 C.T.
4
53
17
1000
5
149T
Output
600 C.T.
600 C.T.
4
53
70
1000
5
149U
Output
150/600
8
4
53
95
1000
6
149V
Hybrid
600 C.T.
300/1200
4
53
63
1000
7
148 Series
149 Series
4
2
3
1
8
7
6
5
PRI
SEC
4
1
8
7
6
5
PRI
SEC
4
1
8
5
PRI
SEC
4
1
8
5
PRI
SEC
2
Figure 1
Figure 2
Figure 3
Figure 4
4
1
8
5
PRI
SEC
2
7
4
2
3
1
8
5
PRI
SEC
4
1
8
7
6
5
PRI
SEC
3
Figure 5
Figure 6
Figure 7


Similar Part No. - 141M

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
141M HAMMOND-141M Datasheet
376Kb / 2P
   LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
More results

Similar Description - 141M

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
145J HAMMOND-145J Datasheet
376Kb / 2P
   LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
108L HAMMOND-108L Datasheet
258Kb / 1P
   P.C. Board Mount (107-109 Series)
611 HAMMOND-611 Datasheet
118Kb / 1P
   Pulse Open Frame P.C. Board Mount
11/8/2018
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
Pulse A Technitrol Comp...
T6003NL PULSE-T6003NL Datasheet
147Kb / 1P
   AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
T6027NLT PULSE-T6027NLT Datasheet
68Kb / 1P
   AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
T6027NL PULSE-T6027NL Datasheet
147Kb / 1P
   AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
logo
Littelfuse
153007 LITTELFUSE-153007 Datasheet
144Kb / 2P
   For MINI Fuses P.C. Board Mount Type
logo
Hammond Manufacturing L...
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
   Low Voltage - P.C. Board Mount (183 Series)
227T HAMMOND-227T Datasheet
278Kb / 1P
   Low Voltage - P.C. Board Mount (226-228 Series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com