Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1750M Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1750M
Description  TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1750M Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1750M Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1750M Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1750M Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
96
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Replacement - Tube Guitar Output (1750 Series)
Part
No.
Primary
(Ohms)
Secondary
(Ohms)
Amplifier
Type
Power
(Watts)
Amplifier
Manufacturer
Amplifier
Model Names
Equivalent To
Mfg'ers Part
Number
1750A
22,800
8
Single Ended
3.5
Fender
Reverb Driver
125A20B & 022921
1750C
7,000
3.2
Single Ended
5
Fender
Champ, Vibro-Champ, Bronco
125A35A & 022905
1750E
8,000 C.T.
8
Push-Pull
15
Fender
Princeton Reverb, Tweed Deluxe
125A10B & 022913
1750F
6,950 C.T.
8
Push-Pull
15
Fender
Blues Junior
049969
1750H
6,600 C.T.
8
Push-Pull
20
Fender
Deluxe, Deluxe Reverb
125A1A & 022640
1750J
4,000 C.T.
4
Push-Pull
35
Fender
Pro-Reverb, Tremolux, Vibrolux
125A6A & 022848
1750K
4,000 C.T.
2
Push-Pull
50
Fender
Tweed Bassman, Super Reverb
125A9A & 022855
1750L
4,200 C.T.
4
Push-Pull
50
Fender
Bassman
125A13A & 022871
1750M
4,200 C.T.
2, 4, 8
Push-Pull
50
Fender
General Replacement
125A13A & 022871
1750W
2,000 C.T.
4
Push-Pull
100
Fender
Dual Showman, Twin Reverb
125A29A & 022889
1750N
3,200 C.T.
4, 8, 16
Push-Pull
50
Marshall
JMP, JCM 800
-
1750P
126, 500, 2,000
2, 4, 8, 16
Push-Pull
50
Marshall
JCM 900
-
1750Q
7,371 C.T.
4, 8, 16
Push-Pull
50
Marshall
JTM 45
-
1750U
1,700 C.T.
4, 8, 16
Push-Pull
100
Marshall
JMP, JCM 800
-
1750X
126, 500, 2,000
2, 4, 8 ,16
Push-Pull
100
Marshall
JCM900
-
1750Y
6,300 C.T.
8
Push-Pull
15
VOX
AC15
-
1750V
4,000 C.T.
8, 16
Push-Pull
30
VOX
AC30 Vintage
-
1750T
4,000 C.T.
8, 16
Push-Pull
30
VOX
AC30 Reissue
-
1750G
3,800 C.T.
4, 8, 16
Push-Pull
50
Yorkville/Traynor General Replacement
-
1750R
2,000 C.T.
4, 8, 16
Push-Pull
100
Yorkville/Traynor General Replacement
-
TUBE GUITAR AMPLIFIER - OUTPUT
TRANSFORMERS
Designed for drop in replacement of original tube guitar amplifier output transformers.
Physically, parts were designed to look similar to original factory units (where possible).
Material used & design specs. were kept as close as possible to the original part to preserve the stock "tone".
For individual photos of each part - visit our website: www.hammondmfg.com
DISCLAIMER: Hammond Mfg. is not affiliated with Fender Musical Instruments Corp., Marshall Amplification, Yorkville/Traynor or VOX Amplification companies. Amplifier
model names Blues Junior, Bandmaster, Bandmaster Reverb, Bassman, Bassman 100, Bronco, Champ, Vibro-Champ, Deluxe, Deluxe Reverb, Dual Showman, Princeton
Reverb, Pro Reverb, Reverb Driver, Super Reverb, Tremolux, Tweed Bassman, Tweed Deluxe, Twin Reverb, Twin Super, Vibrolux & Vibrolux Reverb are all trademarks of
Fender Musical Instruments Corp.


Similar Part No. - 1750M

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
logo
Alpha Wire
1750 ALPHAWIRE-1750 Datasheet
97Kb / 4P
   Customer Specifications
12/8/2022
logo
MTU Onsite Energy Corpo...
1750-XC6DT2 MTU-1750-XC6DT2 Datasheet
551Kb / 4P
   DIESEL ENGINE-GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
logo
Renesas Technology Corp
1750-Z RENESAS-1750-Z Datasheet
545Kb / 11P
   MOS FIELD EFFECT POWER TRANSISTORS
1993
More results

Similar Description - 1750M

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1760C HAMMOND-1760C Datasheet
1Mb / 3P
   TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMER
logo
Analog Devices
RTM-1736 AD-RTM-1736_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1686 AD-STM1686_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
RTM-1696 AD-RTM-1696_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1697 AD-STM1697_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1687 AD-STM1687_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1696 AD-STM1696_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1736 AD-STM1736_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com