Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ43CA Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 3.0SMCJ43CA
Description  3000W peak pulse power capability with 10/1000關s waveform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

3.0SMCJ43CA Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  3.0SMCJ43CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ43CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ43CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ43CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Reverse
Reverse
Clamping
Peak Pulse
Voltage
Leakage
Voltage @ IPPM
Surge Current
@ VWM
VBR (V)
IT
VRWM
IR
VC
IPPM
Min.
Max.
(mA)
(V)
(µA)
(V)
(A)
Type
3.0SMCJ58C
64.4
81.6
1.0
58
5
103
39.2
3.0SMCJ58CA
64.4
74.1
1.0
58
5
93.6
32.0
3.0SMCJ60C
66.7
84.5
1.0
60
5
107
28.0
3.0SMCJ60CA
66.7
76.7
1.0
60
5
96
31.0
3.0SMCJ64C
71.1
90.1
1.0
64
5
114
26.4
3.0SMCJ64CA
71.1
81.8
1.0
64
5
103
29.2
3.0SMCJ70C
77.8
98.6
1.0
70
5
125
24.0
3.0SMCJ70CA
77.8
89.5
1.0
70
5
113
26.6
3.0SMCJ75C
83.3
105.7
1.0
75
5
134
22.4
3.0SMCJ75CA
83.3
95.8
1.0
75
5
121
24.8
3.0SMCJ78C
86.7
109.8
1.0
78
5
139
21.6
3.0SMCJ78CA
86.7
99.7
1.0
78
5
126
22.8
3.0SMCJ85C
94.4
119.2
1.0
85
5
151
19.8
3.0SMCJ85CA
94.4
108.2
1.0
85
5
137
20.8
3.0SMCJ90C
100
126.5
1.0
90
5
160
18.8
3.0SMCJ90CA
100
115.5
1.0
90
5
146
20.6
3.0SMCJ100C
111
141.0
1.0
100
5
179
16.6
3.0SMCJ100CA
111
128.0
1.0
100
5
162
18.6
3.0SMCJ110C
122
154.5
1.0
110
5
196
15.4
3.0SMCJ110CA
122
140.5
1.0
110
5
177
16.8
3.0SMCJ120C
133
169.0
1.0
120
5
214
14.0
3.0SMCJ120CA
133
153.0
1.0
120
5
193
15.6
3.0SMCJ130C
144
182.5
1.0
130
5
231
13.0
3.0SMCJ130CA
144
165.5
1.0
130
5
209
14.4
3.0SMCJ150C
167
211.5
1.0
150
5
268
11.2
3.0SMCJ150CA
167
192.5
1.0
150
5
243
12.4
3.0SMCJ160C
178
226.0
1.0
160
5
287
10.4
3.0SMCJ160CA
178
205.0
1.0
160
5
259
11.6
3.0SMCJ170C
189
239.5
1.0
170
5
304
9.8
3.0SMCJ170CA
189
217.5
1.0
170
5
275
11.0
3.0SMCJ180C
198
253.8
1.0
180
5
322
9.3
3.0SMCJ180CA
198
230.4
1.0
180
5
292
10.3
3.0SMCJ190C
209
267.9
1.0
190
5
340
8.8
3.0SMCJ190CA
209
243.2
1.0
190
5
308
9.7
3.0SMCJ200C
220
282.0
1.0
200
5
358
8.4
3.0SMCJ200CA
220
256.0
1.0
200
5
324
9.3
3.0SMCJ210C
231
296.1
1.0
210
5
376
7.8
3.0SMCJ210CA
231
268.8
1.0
210
5
340
8.8
3.0SMCJ220C
242
310.2
1.0
220
5
394
7.6
3.0SMCJ220CA
242
281.6
1.0
220
5
356
8.4
Notes :
Pulse test : tp
50ms.
"SMCJ" will be omitted on marking of the diode.
For uni-directional without "C" Electrical characteristics apply in both directions
3.0SMCJ Series
Surface Mount Transient Voltage Suppessor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 3.0SMCJ43CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ43CA WTE-3.0SMCJ43CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ43CA WTE-3.0SMCJ43CA Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3.0SMCJ43CA MDE-3.0SMCJ43CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ43CA DIOTECH-3.0SMCJ43CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ43CA EIC-3.0SMCJ43CA Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ43CA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
3.0SMCJ_5.0_220A BWTECH-3.0SMCJ_5.0_220A Datasheet
595Kb / 7P
   3000W peak pulse power capability with a 10/1000us waveform
logo
AiT Semiconductor Inc.
SMDJ5.0CA AITSEMI-SMDJ5.0CA Datasheet
400Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Shanghai Leiditech Elec...
ULC0502M3Q LEIDITECH-ULC0502M3Q Datasheet
1,018Kb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20關s)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com