Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR140 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR140
Description  Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MUR140 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MUR140 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR140 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR140 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
NUMBER OF CYCLES AT 60Hz
FIG.6 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5 -- PEAK FORWARD SURGE CURRENT
SET TIME BASE FOR 10/20 ns/cm
20
40
.01
.02
60
80
100 120
.04
.1
TA=100℃
.2
.4
1
2
10
4
40
20
100
140
TA=25℃
TA=150℃
1
2
0
10
30
4
10
20
40
50
60
20
40
100
8.3msSingleHalf
Sine-Wave
-1.0A
-0.25A
0
+0.5A
trr
1cm
10
N 1.
1
NONIN-
DUCTIVE
50
N 1.
(+)
25VDC
(approx)
(-)
D.U.T.
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE 1)
MUR120-MUR190
Super Fast Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - MUR140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR140 MOTOROLA-MUR140 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
Shanghai Shunye Electro...
MUR140 SHUNYE-MUR140 Datasheet
1Mb / 3P
   SUPER FAST RECTIFIER
logo
SynSemi, Inc.
MUR140 SYNSEMI-MUR140 Datasheet
34Kb / 2P
   ULTRAFAST RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR140 NJSEMI-MUR140 Datasheet
48Kb / 1P
   SWITCHMODE POWER RECTIRERS
logo
Kersemi Electronic Co.,...
MUR140 KERSEMI-MUR140 Datasheet
441Kb / 6P
   Ultrafast 25, 50 and 75 Nanosecond Recovery Times
More results

Similar Description - MUR140

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com