Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27C512Q150 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NM27C512Q150
Description  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C512Q150 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NM27C512Q150 Datasheet HTML 2Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 3Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 4Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 5Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 6Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 7Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 8Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 9Page - Fairchild Semiconductor NM27C512Q150 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
Turbo Programming Algorithm Flow Chart
FIGURE 1.
V
CC = 6.5V VPP = 12.75V
n = 0
ADDRESS = FIRST LOCATION
CHECK ALL BYTES
1ST: V
CC = VPP = 6.0V
2ND: V
CC = VPP = 4.3V
PROGRAM ONE 50
µs PULSE
INCREMENT n
ADDRESS = FIRST LOCATION
VERIFY
BYTE
n = 10?
DEVICE
FAILED
LAST
ADDRESS
?
INCREMENT
ADDRESS
n = 0
PROGRAM ONE
50
µs
PULSE
INCREMENT
ADDRESS
VERIFY
BYTE
LAST
ADDRESS
?
PASS
NO
FAIL
YES
YES
PASS
NO
FAIL
NO
YES
DS010834-6
Note:
The standard National Semiconductor algorithm may also be used but it will take longer programming time.


Similar Part No. - NM27C512Q150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512Q150 NSC-NM27C512Q150 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C512Q150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com