Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF10150 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBRF10150
Description  Isolated 10.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBRF10150 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBRF10150 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBRF10150 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
0.1
10
100
25
50
75
125
100
150
175
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.6
0.8
1.0 1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.2
0.1
0.01
1
10
40
FORWARD VOLTAGE. (V)
Tj=25 C
0
Tj=125 C
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
MBRF1035-MBRF1045
MBRF1050-MBRF10150
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1.0
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MBRF1035-MBRF1045
MBRF1050-MBRF1060
MBRF1090-MBRF10150
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
2
4
6
8
12
10
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
MBRF1035-MBRF1045
MBRF1050-MBRF10150
Pulse Width=300 s
1% Duty Cycle
MBRF1035-MBRF1045
MBRF1050-MBRF1060
MBRF1090-MBRF10150
500
http://www.luguang.cn
mail:lge@luguang.cn
MBRF1035 - MBRF10150


Similar Part No. - MBRF10150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10150 TSC-MBRF10150 Datasheet
140Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF10150 TSC-MBRF10150 Datasheet
150Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBRF10150 DACHANG-MBRF10150 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
logo
Shenzhen Luguang Electr...
MBRF10150 LUGUANG-MBRF10150 Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBRF10150 SMC-MBRF10150 Datasheet
173Kb / 5P
   SCHOTTKY RECTIFIER
More results

Similar Description - MBRF10150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF1035CT TSC-MBRF1035CT Datasheet
164Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_1 Datasheet
258Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020_1 Datasheet
201Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_13 Datasheet
255Kb / 3P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF1035CT LUGUANG-MBRF1035CT Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1035 TSC-MBRF1035_11 Datasheet
150Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF10H100CT TSC-MBRF10H100CT Datasheet
624Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_10 Datasheet
613Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_1 Datasheet
140Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
MBRF1035CT TSC-MBRF1035CT_11 Datasheet
187Kb / 2P
   10.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com