Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM34C02LZEMT8 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # NM34C02LZEMT8
Description  2K-Bit Standard 2-Wire Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM34C02LZEMT8 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button NM34C02LZEMT8 Datasheet HTML 4Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 5Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 6Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 7Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 8Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 9Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 10Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 11Page - Fairchild Semiconductor NM34C02LZEMT8 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.fairchildsemi.com
NM34C02 Rev. D.2
8-Pin Molded Small Outline Package (M8)
Order Number NM34C02LM8/LZM8
Package Number M08A
Physical Dimensions inches (millimeters) unless otherwise noted
12
3 4
87
6 5
0.189 - 0.197
(4.800 - 5.004)
0.228 - 0.244
(5.791 - 6.198)
Lead #1
IDENT
Seating
Plane
0.004 - 0.010
(0.102 - 0.254)
0.014 - 0.020
(0.356 - 0.508)
0.014
(0.356)
Typ.
0.053 - 0.069
(1.346 - 1.753)
0.050
(1.270)
Typ
0.016 - 0.050
(0.406 - 1.270)
Typ. All Leads
8
° Max, Typ.
All leads
0.150 - 0.157
(3.810 - 3.988)
0.0075 - 0.0098
(0.190 - 0.249)
Typ. All Leads
0.04
(0.102)
All lead tips
0.010 - 0.020
(0.254 - 0.508)
x 45
°


Similar Part No. - NM34C02LZEMT8

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NM3484KSLAXA7 NANYA-NM3484KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA7-3D NANYA-NM3484KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA73DNA NANYA-NM3484KSLAXA73DNA Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7 NANYA-NM3488KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7-3D NANYA-NM3488KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
More results

Similar Description - NM34C02LZEMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C02 FAIRCHILD-NM24C02 Datasheet
104Kb / 14P
   2K-Bit Standard 2-Wire Bus
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com