Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10SQ030 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 10SQ030
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

10SQ030 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  10SQ030 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 10SQ030 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
10SQ030 thru 10SQ100
100
100
10
10
1
0.01
0.1
1000
100
10
0.1
1
360
300
240
180
120
60
0
1
2
5
10
20
50
100
0
20
50
75
100
125
150
175
TJ=100℃
TJ=50℃
TJ=25℃
0.1
1
4
10
100
0.2 0.3
0.4 0.5 0.6
0.7
0.8 0.9 1.0 1.2
8.3Single Half-Sine-Wave
(JEDEC METOD)
TJ=25℃ ,f=1MHZ
10SQ030 to 10SQ045
10SQ080 to10SQ100
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
10SQ050 to10SQ060
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITVE SURGE
FIG.4-TYPICAL FORWARD CHARACTERISTICS
FIG.3-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
REVERSE VOLTAGE VOLTS
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 10SQ030

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10SQ030 YANGJIE-10SQ030 Datasheet
3Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
10SQ030 YFWDIODE-10SQ030 Datasheet
361Kb / 3P
   Schottky Barrier Rectifiers
logo
Shenzhen Ping Sheng Ele...
10SQ030 PFS-10SQ030 Datasheet
209Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
10SQ030 LUGUANG-10SQ030 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
10SQ030 LUGUANG-10SQ030 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 10SQ030

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com