Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLU3105PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRLU3105PBF
Description  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU3105PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRLU3105PBF Datasheet HTML 3Page - International Rectifier IRLU3105PBF Datasheet HTML 4Page - International Rectifier IRLU3105PBF Datasheet HTML 5Page - International Rectifier IRLU3105PBF Datasheet HTML 6Page - International Rectifier IRLU3105PBF Datasheet HTML 7Page - International Rectifier IRLU3105PBF Datasheet HTML 8Page - International Rectifier IRLU3105PBF Datasheet HTML 9Page - International Rectifier IRLU3105PBF Datasheet HTML 10Page - International Rectifier IRLU3105PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U3105PbF
www.irf.com
9
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
INTERNATIONAL
AS SEMBLED ON WW 16, 2001
IN THE ASS EMBLY LINE "A"
OR
Note: "P" in assembly line position
EXAMPLE:
LOT CODE 1234
THIS IS AN IRFR120
WITH AS SEMBLY
indicates "Lead-Free"
PRODUCT (OPTIONAL)
P = DES IGNATES LEAD-FREE
A = AS SEMBLY SITE CODE
PART NUMBER
WEEK 16
DATE CODE
YEAR 1 = 2001
RECTIFIER
INTERNATIONAL
LOGO
LOT CODE
ASS EMBLY
34
12
IRFR120
116A
LINE A
34
RECTIFIER
LOGO
IRFR120
12
ASS EMBLY
LOT CODE
YEAR 1 = 2001
DATE CODE
PART NUMBER
WEEK 16
"P" in assembly line position indicates
"Lead-Free" qualification to the consumer-level
P = DES IGNATES LEAD-FREE
PRODUCT QUALIFIED TO THE
CONSUMER LEVEL (OPTIONAL)
Notes:
1. For an Automotive Qualified version of this part please see
http://www.irf.com/product-info/auto/
2. For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRLU3105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU3105PBF IRF-IRLU3105PBF Datasheet
308Kb / 11P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRLU3105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com