Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR3105PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR3105PBF
Description  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3105PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLR3105PBF Datasheet HTML 1Page - International Rectifier IRLR3105PBF Datasheet HTML 2Page - International Rectifier IRLR3105PBF Datasheet HTML 3Page - International Rectifier IRLR3105PBF Datasheet HTML 4Page - International Rectifier IRLR3105PBF Datasheet HTML 5Page - International Rectifier IRLR3105PBF Datasheet HTML 6Page - International Rectifier IRLR3105PBF Datasheet HTML 7Page - International Rectifier IRLR3105PBF Datasheet HTML 8Page - International Rectifier IRLR3105PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U3105PbF
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 15A, VGS = 0V
„
trr
Reverse Recovery Time
–––
52
78
ns
TJ = 25°C, IF = 15A, VDD = 28V
Qrr
Reverse RecoveryCharge
–––
82
120
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
25
100
A
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
Notes
 through ˆ are on page 11
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.056 –––
V/°C Reference to 25°C, ID = 1mA
–––
30
37
VGS = 10V, ID = 15A
„
–––
35
43
VGS = 5.0V, ID = 13A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
15
––– –––
S
VDS = 25V, ID = 15A
„
–––
–––
20
µA
VDS = 55V, VGS = 0V
–––
––– 250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -16V
Qg
Total Gate Charge
–––
–––
20
ID = 15A
Qgs
Gate-to-Source Charge
–––
–––
5.6
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
9.0
VGS = 5.0V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
8.0
–––
VDD = 28V
tr
Rise Time
–––
57
–––
ID = 15A
td(off)
Turn-Off Delay Time
–––
25
–––
RG = 24
tf
Fall Time
–––
37
–––
VGS = 5.0V, See Fig. 10
„
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
710 –––
VGS = 0V
Coss
Output Capacitance
–––
150 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
28
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
890 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
110 –––
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
–––
210 –––
VGS = 0V, VDS = 0V to 44V
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
nH
LS
Internal Source Inductance
‡
–––
7.5
–––
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
m


Similar Part No. - IRLR3105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3105PBF IRF-IRLR3105PBF Datasheet
308Kb / 11P
   AUTOMOTIVE MOSFET
IRLR3105PBF IRF-IRLR3105PBF Datasheet
327Kb / 11P
   Advanced Process Technology
IRLR3105PBF IRF-IRLR3105PBF_15 Datasheet
327Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRLR3105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com