Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR120NTRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLR120NTRPBF
Description  Surface Mount (IRLR120N)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR120NTRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRLR120NTRPBF Datasheet HTML 1Page - International Rectifier IRLR120NTRPBF Datasheet HTML 2Page - International Rectifier IRLR120NTRPBF Datasheet HTML 3Page - International Rectifier IRLR120NTRPBF Datasheet HTML 4Page - International Rectifier IRLR120NTRPBF Datasheet HTML 5Page - International Rectifier IRLR120NTRPBF Datasheet HTML 6Page - International Rectifier IRLR120NTRPBF Datasheet HTML 7Page - International Rectifier IRLR120NTRPBF Datasheet HTML 8Page - International Rectifier IRLR120NTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRLR/U120NPbF
www.irf.com
5
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
5.0V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
2
4
6
8
10
25
50
75
100
125
150
175
C
T , Case Temperature (°C)
A
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRLR120NTRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRLR120NTRPBF VBSEMI-IRLR120NTRPBF Datasheet
979Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - IRLR120NTRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLR120NLPBF VISHAY-IRLR120NLPBF Datasheet
299Kb / 11P
   Surface Mount (IRLR120N)
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com