Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM34C02MT8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NM34C02MT8
Description  2K-Bit Standard 2-Wire Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM34C02MT8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NM34C02MT8 Datasheet HTML 1Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 2Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 3Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 4Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 5Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 6Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 7Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 8Page - Fairchild Semiconductor NM34C02MT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.fairchildsemi.com
NM34C02 Rev. D.2
© 1999 Fairchild Semiconductor Corporation
March 1999
NM34C02
2K-Bit Standard 2-Wire Bus Interface
Designed with Permanent Write-Protection for First 128 Bytes for Serial Presence
Detect Application on Memory Modules
General Description
The NM34C02 is 2048 bits of CMOS non-volatile electrically
erasable memory. It is designed to support Serial Presence
Detect circuitry in memory modules. This communications proto-
col uses CLOCK (SCL) and DATA I/O (SDA) lines to synchro-
nously clock data between the master (for example a micropro-
cessor) and the slave EEPROM device(s).
The contents of the non-volatile memory allows the CPU to
determine the capacity of the module and the electrical character-
istics of the memory devices it contains. This will enable "plug and
play" capability as the module is read and PC main memory
resources utilized through the memory controller.
The first 128 bytes of the memory of the NM34C02 can be
permanently Write Protected by writing to the "WRITE PROTECT"
Register. Write Protect implementation details are described
under the section titled Addressing the WP Register.
The NM34C02 is available in a JEDEC standard TSSOP package
for low profile memory modules for systems requiring efficient
space utilization such as in a notebook computer. Two options are
available: L - Low Voltage and LZ - Low Power, allowing the part
to be used in systems where battery life is of primary importance.
Block Diagram
Features
s Extended Operating Voltage: 2.7V-5.5V
s Write-Protection for first 128 bytes
s 200
µA active current typical
– 10
µA standby current typical
– 1.0
µA standby current typical (L)
– 0.1
µA standby current typical (LZ)
s IIC compatible interface
– Provides bidirectional data transfer protocol
s Sixteen byte page write mode
– Minimizes total write time per byte
s Self timed write cycle
- Typical write cycle time of 6ms
s Endurance: 1,000,000 data changes
s Data retention greater than 40 years
s Packages available: 8-pin TSSOP and 8-pin SO
DS012821-1
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
16 x 16 x 8
16
YDEC
8
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
START CYCLE
16
4
4
CK
DIN
R/W
LOAD
INC
SDA
VSS
VCC
DOUT
A2
A1
A0
Device Address Bits
0/1/2/3
SCL
Write Protect
Register


Similar Part No. - NM34C02MT8

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NM3484KSLAXA7 NANYA-NM3484KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA7-3D NANYA-NM3484KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA73DNA NANYA-NM3484KSLAXA73DNA Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7 NANYA-NM3488KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7-3D NANYA-NM3488KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
More results

Similar Description - NM34C02MT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C02 FAIRCHILD-NM24C02 Datasheet
104Kb / 14P
   2K-Bit Standard 2-Wire Bus
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com