Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM25C160MT8 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NM25C160MT8
Description  16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C160MT8 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NM25C160MT8 Datasheet HTML 1Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 2Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 3Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 4Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 5Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 6Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 7Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 8Page - Fairchild Semiconductor NM25C160MT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
NM25C160 Rev. D.1
Low Voltage 2.7V
V
CC 4.5V Specifications
Absolute Maximum Ratings (Note 5)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltage with
Respect to Ground
+6.5V to -0.3V
Lead Temp. (Soldering, 10 sec.)
+300
°C
ESD Rating
2000V
Operating Conditions
Ambient Operating Temperature
NM25C160L/LZ
0
°C to +70°C
NM25C160LZ/LZE
-40
°C to +85°C
NM25C160LV
-40
°C to +125°C
Power Supply (VCC)
2.7V–4.5V
DC and AC Electrical Characteristics 2.7V
≤ V
CC ≤ 4.5V (unless otherwise specified)
25C160L/LE
25C160LV
25C160LZ/LZE
Symbol
Parameter
Part
Conditions
Min.
Max.
Min
Max
Units
ICC
Operating Current
CS = VIL
33
mA
I
CCSB
Standby Current
L
CS = V
CC
10
10
µA
LZ
1
N/A
µA
I
IL
Input Leakage
V
IN = 0 to VCC
-1
1
-1
1
µA
IOL
Output Leakage
VOUT = GND to VCC
-1
1
-1
1
µA
V
IL
Input Low Voltage
-0.3
V
CC * 0.3
-0.3
V
CC * 0.3
V
V
IH
Input High Voltage
0.7 * V
CC
V
CC + 0.3
0.7 * V
CC
V
CC + 0.3
V
V
OL
Output Low Voltage
I
OL = 0.8 mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –0.8 mA
VCC - 0.8
VCC - 0.8
V
f
OP
SCK Frequency
1.0
1.0
MHz
t
RI
Input Rise Time
2.0
2.0
µs
t
FI
Input Fall Time
2.0
2.0
µs
tCLH
Clock High Time
(Note 6)
410
410
ns
t
CLL
Clock Low Time
(Note 6)
410
410
ns
t
CSH
Min. CS High Time
(Note 7)
500
500
ns
t
CSS
CS Setup Time
500
500
ns
tDIS
Data Setup Time
100
100
ns
t
HDS
HOLD Setup Time
240
240
ns
t
CSN
CS Hold Time
500
500
ns
t
DIN
Data Hold Time
100
100
ns
tHDN
HOLD Hold Time
240
240
ns
t
PD
Output Delay
C
L = 200 pF
500
500
ns
t
DH
Output Hold Time
0
0
ns
t
LZ
HOLD Output Low Z
240
240
ns
tDF
Output Disable Time
CL = 200 pF
500
500
ns
t
HZ
HOLD to Output Hi Z
240
240
ns
t
WP
Write Cycle Time
1-16 Bytes
15
15
ms
Capacitance T
A = 25°C, f = 2.1/1 MHz (Note 8)
Symbol
Test
Typ Max Units
COUT
Output Capacitance
3
8
pF
CIN
Input Capacitance
2
6
pF
AC Test Conditions
Output Load
I
OL = 10 µA, IOH = 10 µA
Input Pulse Levels
0.3V to 3.5V
Timing Measurement Reference Level
Input
0.4V and 1.6V
Output
0.8V and 1.6V
Note 5: Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Note 6: The f
OP frequency specification specifies a minimum clock period of 1/fOP. Therefore, for every fOP clock cycle, tCLH + tCLL must be equal to or greater than 1/fOP. For
example, if the 2.1MHz period = 476ns and t
CLH = 190ns, tCLL must be 286ns.
Note 7: CS must be brought high for a minimum of tCSH between consecutive instruction cycles.
Note 8: This parameter is periodically sampled and not 100% tested.


Similar Part No. - NM25C160MT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8 FAIRCHILD-NM25C040EM8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8X FAIRCHILD-NM25C040EM8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8 FAIRCHILD-NM25C040EMT8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results

Similar Description - NM25C160MT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com