Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3400CRWZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADuM3400CRWZ
Description  Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3400CRWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM3400CRWZ Datasheet HTML 6Page - Analog Devices ADuM3400CRWZ Datasheet HTML 7Page - Analog Devices ADuM3400CRWZ Datasheet HTML 8Page - Analog Devices ADuM3400CRWZ Datasheet HTML 9Page - Analog Devices ADuM3400CRWZ Datasheet HTML 10Page - Analog Devices ADuM3400CRWZ Datasheet HTML 11Page - Analog Devices ADuM3400CRWZ Datasheet HTML 12Page - Analog Devices ADuM3400CRWZ Datasheet HTML 13Page - Analog Devices ADuM3400CRWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM3400/ADuM3401/ADuM3402
Data Sheet
Rev. B | Page 10 of 24
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
ADuM340xBRW
Minimum Pulse Width2
PW
100
ns
C
L = 15 pF, CMOS signal levels
Maximum Data Rate3
10
Mbps
C
L = 15 pF, CMOS signal levels
Propagation Delay4
t
PHL, tPLH
15
35
50
ns
C
L = 15 pF, CMOS signal levels
Pulse Width Distortion, |t
PLH − tPHL|
4
PWD
3
ns
C
L = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
C
L = 15 pF, CMOS signal levels
Propagation Delay Skew5
t
PSK
22
ns
C
L = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels6
t
PSKCD
3
ns
C
L = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing-Directional Channels6
t
PSKOD
6
ns
C
L = 15 pF, CMOS signal levels
ADuM340xCRW
Minimum Pulse Width2
PW
8.3
11.1 ns
C
L = 15 pF, CMOS signal levels
Maximum Data Rate3
90
120
Mbps
C
L = 15 pF, CMOS signal levels
Propagation Delay4
t
PHL, tPLH
20
30
40
ns
C
L = 15 pF, CMOS signal levels
Pulse Width Distortion, |t
PLH − tPHL|
4
PWD
0.5
2
ns
C
L = 15 pF, CMOS signal levels
Change vs. Temperature
3
ps/°C
C
L = 15 pF, CMOS signal levels
Propagation Delay Skew5
t
PSK
14
ns
C
L = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels6
t
PSKCD
2
ns
C
L = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing-Directional Channels6
t
PSKOD
5
ns
C
L = 15 pF, CMOS signal levels
For All Models
Output Disable Propagation Delay
(High/Low-to-High Impedance)
t
PHZ, tPLH
6
8
ns
C
L = 15 pF, CMOS signal levels
Output Enable Propagation Delay
(High Impedance-to-High/Low)
t
PZH, tPZL
6
8
ns
C
L = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
t
R/tF
C
L = 15 pF, CMOS signal levels
5 V/3 V Operation
3.0
ns
3 V/5 V Operation
2.5
ns
Common-Mode Transient Immunity
at Logic High Output7
|CM
H|
25
35
kV/µs
V
Ix = VDD1/VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity
at Logic Low Output7
|CM
L|
25
35
kV/µs
V
Ix = 0 V, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
f
r
5 V/3 V Operation
1.2
Mbps
3 V/5 V Operation
1.1
Mbps
Input Dynamic Supply Current per Channel8
I
DDI (D)
5 V/3 V Operation
0.20
mA/Mbps
3 V/5 V Operation
0.10
mA/Mbps
Output Dynamic Supply Current per Channel8
I
DDO (D)
5 V/3 V Operation
0.03
mA/Mbps
3 V/5 V Operation
0.05
mA/Mbps


Similar Part No. - ADuM3400CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3400CRWZ AD-ADUM3400CRWZ Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
More results

Similar Description - ADuM3400CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com