Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV202BBCZRL-150 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV202BBCZRL-150
Description  JPEG2000 Video Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202BBCZRL-150 Datasheet(HTML) 5 Page - Analog Devices

  ADV202BBCZRL-150 Datasheet HTML 1Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 2Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 3Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 4Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 5Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 6Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 7Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 8Page - Analog Devices ADV202BBCZRL-150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADV202
Rev. D | Page 5 of 40
SPECIFICATIONS
SUPPLY VOLTAGES AND CURRENT
Table 1.
Parameter
Description
Min
Typ
Max
Unit
VDD
DC Supply Voltage, Core
1.425
1.5
1.575
V
IOVDD
DC Supply Voltage, I/O
2.375
3.3
3.63
V
PLLVDD
DC Supply Voltage, PLL
1.425
1.5
1.575
V
V
INPUT
Input Range
−0.3
V
DDI/O + 0.3
V
Temp
Operating Ambient Temperature Range in Free Air
−40
+25
+85
°C
I
DD
Static Current1
300
mA
Dynamic Current, Core (JCLK Frequency = 150 MHz)2
570
mA
Dynamic Current, Core (JCLK Frequency = 108 MHz)
420
mA
Dynamic Current, Core (JCLK Frequency = 81 MHz)
325
mA
Dynamic Current, I/O
20
mA
Dynamic Current, PLL
2.6
mA
1 No clock or I/O activity.
2 ADV202-150 only.
INPUT/OUTPUT SPECIFICATIONS
Table 2.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
V
IH (3.3 V)
High Level Input Voltage
VDD = max
2.2
V
V
IH (2.5 V)
High Level Input Voltage
VDD = max
1.9
V
V
IL (3.3 V, 2.5 V)
Low Level Input Voltage
VDD = min
0.6
V
V
OH (3.3 V)
High Level Output Voltage
VDD = min, I
OH = −0.5 mA
2.4
V
V
OH (2.5 V)
High Level Output Voltage
VDD = min, I
OH = −0.5 mA
2.0
V
V
OL (3.3 V, 2.5 V)
Low Level Output Voltage
VDD = min, I
OL = 2 mA
0.4
V
I
IH
High Level Input Current
VDD = max, V
IN = VDD
1.0
µA
I
IL
Low Level Input Current
VDD = max, V
IN = 0 V
1
µA
I
OZH
High Level Three-State Leakage Current
VDD = max, V
IN = VDD
1.0
µA
I
OZL
Low Level Three-State Leakage Current
VDD = max, V
IN = 0 V
1.0
µA
C
I
Input Pin Capacitance
8
pF
C
O
Output Pin Capacitance
8
pF


Similar Part No. - ADV202BBCZRL-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202BBCZ-115 AD-ADV202BBCZ-115 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV202BBCZ-150 AD-ADV202BBCZ-150 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
More results

Similar Description - ADV202BBCZRL-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202 AD-ADV202 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com