Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3400ARWZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADuM3400ARWZ
Description  Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3400ARWZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuM3400ARWZ Datasheet HTML 2Page - Analog Devices ADuM3400ARWZ Datasheet HTML 3Page - Analog Devices ADuM3400ARWZ Datasheet HTML 4Page - Analog Devices ADuM3400ARWZ Datasheet HTML 5Page - Analog Devices ADuM3400ARWZ Datasheet HTML 6Page - Analog Devices ADuM3400ARWZ Datasheet HTML 7Page - Analog Devices ADuM3400ARWZ Datasheet HTML 8Page - Analog Devices ADuM3400ARWZ Datasheet HTML 9Page - Analog Devices ADuM3400ARWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM3400/ADuM3401/ADuM3402
Data Sheet
Rev. B | Page 6 of 24
ELECTRICAL CHARACTERISTICS—3 V OPERATION
All voltages are relative to their respective ground. 2.7 V ≤ VDD1 ≤ 3.6 V, 2.7 V ≤ VDD2 ≤ 3.6 V; all minimum/maximum specifications apply
over the entire recommended operation range, unless otherwise noted; all typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.0 V.
Table 2.
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
I
DDI (Q)
0.31
0.49 mA
Output Supply Current per Channel, Quiescent
I
DDO (Q)
0.19
0.27 mA
ADuM3400, Total Supply Current, Four Channels1
DC to 2 Mbps
V
DD1 Supply Current
I
DD1 (Q)
1.6
2.1
mA
DC to 1 MHz logic signal freq.
V
DD2 Supply Current
I
DD2 (Q)
0.7
1.2
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
V
DD1 Supply Current
I
DD1 (10)
4.8
7.1
mA
5 MHz logic signal freq.
V
DD2 Supply Current
I
DD2 (10)
1.8
2.3
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
V
DD1 Supply Current
I
DD1 (90)
37
54
mA
45 MHz logic signal freq.
V
DD2 Supply Current
I
DD2 (90)
11
15
mA
45 MHz logic signal freq.
ADuM3401, Total Supply Current, Four Channels1
DC to 2 Mbps
V
DD1 Supply Current
I
DD1 (Q)
1.4
1.9
mA
DC to 1 MHz logic signal freq.
V
DD2 Supply Current
I
DD2 (Q)
0.9
1.5
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
V
DD1 Supply Current
I
DD1 (10)
4.1
5.6
mA
5 MHz logic signal freq.
V
DD2 Supply Current
I
DD2 (10)
2.5
3.3
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
V
DD1 Supply Current
I
DD1 (90)
31
44
mA
45 MHz logic signal freq.
V
DD2 Supply Current
I
DD2 (90)
17
24
mA
45 MHz logic signal freq.
ADuM3402, Total Supply Current, Four Channels1
DC to 2 Mbps
V
DD1 or VDD2 Supply Current
I
DD1 (Q), IDD2 (Q)
1.2
1.7
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
V
DD1 or VDD2 Supply Current
I
DD1 (10), IDD2 (10)
3.3
4.4
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
V
DD1 or VDD2 Supply Current
I
DD1 (90), IDD2 (90)
24
39
mA
45 MHz logic signal freq.
For All Models
Input Currents
I
IA, IIB, IIC,
I
ID, IE1, IE2
−10
+0.01 +10 µA
0 V ≤ V
IA, VIB, VIC, VID ≤ VDD1 or VDD2,
0 V ≤ V
E1, VE2 ≤ VDD1 or VDD2
Logic High Input Threshold
V
IH, VEH
1.6
V
Logic Low Input Threshold
V
IL, VEL
0.4
V
Logic High Output Voltages
V
OAH, VOBH,
(V
DD1 or VDD2) − 0.1 3.0
V
I
Ox = −20 µA, VIx = VIxH
V
OCH, VODH
(V
DD1 or VDD2) − 0.4 2.8
V
I
Ox = −4 mA, VIx = VIxH
Logic Low Output Voltages
V
OAL, VOBL,
0.0
0.1
V
I
Ox = 20 µA, VIx = VIxL
V
OCL, VODL
0.04
0.1
V
I
Ox = 400 µA, VIx = VIxL
0.2
0.4
V
I
Ox = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM340xARW
Minimum Pulse Width2
PW
1000 ns
C
L = 15 pF, CMOS signal levels
Maximum Data Rate3
1
Mbps
C
L = 15 pF, CMOS signal levels
Propagation Delay4
t
PHL, tPLH
50
75
100
ns
C
L = 15 pF, CMOS signal levels


Similar Part No. - ADuM3400ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3400ARWZ AD-ADUM3400ARWZ Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
More results

Similar Description - ADuM3400ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com