Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27LV010TE250 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NM27LV010TE250
Description  1,048,576-Bit (128k x 8) Low Voltage EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27LV010TE250 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button NM27LV010TE250 Datasheet HTML 2Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 3Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 4Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 5Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 6Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 7Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 8Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 9Page - Fairchild Semiconductor NM27LV010TE250 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
Functional Description
DEVICE OPERATION
The six modes of operation of the EPROM are listed in Table 1. It
should be noted that all inputs for the six modes are at TTL levels.
The power supplies required are VCC and VPP. The VPP power
supply must be at 12.75V during the three programming modes,
and must be at 3.3V in the other three modes. The VCC power
supply must be at 6.5V during the three programming modes, and
at 3.3V in the other three modes.
Read Mode
The EPROM has two control functions, both of which must be
logically active in order to obtain data at the outputs. Chip Enable
(CE) is the power control and should be used for device selection.
Output Enable (OE) is the output control and should be used to
gate data to the output pins, independent of device selection.
Assuming that addresses are stable, address access time (tACC)
is equal to the delay from CE to output (t
CE). Data is available at
the outputs tOE after the falling edge of OE, assuming that CE has
been low and addresses have been stable for at least tACC –tOE.
Standby Mode
The EPROM has a standby mode which reduces the active power
dissipation by over 99%, from 50 mW to 0.17 mW. The EPROM
is placed in the standby mode by applying a CMOS high signal to
the CE input. When in standby mode, the outputs are in a high
impedance state, independent of the OE input.
Output Disable
The EPROM is placed in output disable by applying a TTL high
signal to the OE input. When in output disable all circuitry is
enabled, except the outputs are in a high impedance state (TRI-
STATE).
Output OR-Tying
Because the EPROM is usually used in larger memory arrays,
Fairchild has provided a 2-line control function that accommo-
dates this use of multiple memory connections. The 2-line control
function allows for:
1. the lowest possible memory power dissipation, and
2. complete assurance that output bus contention will not
occur.
To most efficiently use these two control lines, it is recommended
that CE be decoded and used as the primary device selecting
function, while OE be made a common connection to all devices
in the array and connected to the READ line from the system
control bus. This assures that all deselected memory devices are
in their low power standby modes and that the output pins are
active only when data is desired from a particular memory device.
Programming
CAUTION: Exceeding 14V on pin 1 (VPP) will damage the EPROM.
Initially, and after each erasure, all bits of the EPROM are in the
“1’s” state. Data is introduced by selectively programming “0’s”
into the desired bit locations. Although only “0’s” will be pro-
grammed, both “1’s” and “0’s” can be presented in the data word.
The only way to change a “0” to a “1” is by ultraviolet light erasure.
The EPROM is in the programming mode when the V
PP power
supply is at 12.75V and OE is at VIH. It is required that at least a
0.1
µF capacitor be placed across V
PP and VCC to ground to
suppress spurious voltage transients which may damage the
device. The data to be programmed is applied 8 bits in parallel to
the data output pins. The levels required for the address and data
inputs are TTL.
When the address and data are stable, an active low, TTL program
pulse is applied to the PGM input. A program pulse must be
applied at each address location to be programmed. The EPROM
is programmed with the LV Turbo Programming Algorithm shown
in Figure 1. Each Address is programmed with a series of 50
µs
pulses until it verifies good, up to a maximum of 10 pulses. Most
memory cells will program with a single 50
µs pulse. (The standard
National Semiconductor Algorithm may also be used, but it will
have longer programming time.)
The EPROM must not be programmed with a DC signal applied to
the PGM input.
Programming multiple EPROM in parallel with the same data can
be easily accomplished due to the simplicity of the programming
requirements. Like inputs of the parallel EPROM may be con-
nected together when they are programmed with the same data.
A low level TTL pulse applied to the PGM input programs the
paralleled EPROM.
Program Inhibit
Programming multiple EPROM’s in parallel with different data is
also easily accomplished. Except for CE, all like inputs (including
OE and PGM) of the parallel EPROM may be common. A TTL low
level program pulse applied to an EPROM’s PGM input with CE at
VIL and VPP at 12.75V will program that EPROM. A TTL high level
CE input inhibits the other EPROM’s from being programmed.
Program Verify
A verify should be performed on the programmed bits to determine
whether they were correctly programmed. The verify may be
performed with VPP at 6.25V. VPP must be at VCC, except during
programming and program verify.
AFTER PROGRAMMING
Opaque labels should be placed over the EPROM window to
prevent unintentional erasure. Covering the window will also
prevent temporary functional failure due to the generation of photo
currents.
MANUFACTURER’S IDENTIFICATION CODE
The EPROM has a manufacturer’s identification code to aid in
programming. When the device is inserted in an EPROM pro-
grammer socket, the programmer reads the code and then
automatically calls up the specific programming algorithm for the
part. This automatic programming control is only possible with
programmers which have the capability of reading the code.
The Manufacturer’s Identification code, shown in Table 2, specifi-
cally identifies the manufacturer and device type. The code for the
NM27LV010 is “8F86”, where “8F” designates that it is made by
Fairchild Semiconductor, and “86” designates a 1 Megabit (128k
x 8) part.
The code is accessed by applying 12V
±0.5V to address pin A9.
Addresses A1–A8, A10–A16, and all control pins are held at VIL.
Address pin A0 is held at V
IL for the manufacturer’s code, and held
at VIH for the device code. The code is read on the lower eight data
pins, O0–07. Proper code access is only guaranteed at 25
°C ±
5
°C.


Similar Part No. - NM27LV010TE250

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
   1,048,576-Bit (64K x 16) Low Voltage EPROM
More results

Similar Description - NM27LV010TE250

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
   1,048,576-Bit (64K x 16) Low Voltage EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
ATMEL Corporation
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com