Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM25C040M8 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NM25C040M8
Description  4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C040M8 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NM25C040M8 Datasheet HTML 2Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 3Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 4Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 5Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 6Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 7Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 8Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 9Page - Fairchild Semiconductor NM25C040M8 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
NM25C040 Rev. D.1
SCK
SI
SO
CS





D0
D1
D2
DS012401-12
Functional Description (Continued)
FIGURE 10. Write Sequence
The READY/BUSY status of the device can be determined by
executing a READ STATUS REGISTER (RDSR) instruction. Bit 0
= 1 indicates that the WRITE cycle is still in progress and Bit 0 =
0 indicates that the WRITE cycle has ended. During the WRITE
programming cycle (Bit 0 = 1) only the READ STATUS REGIS-
TER instruction is enabled.
The NM25C040 is capable of a 4 byte PAGE WRITE operation.
After receipt of each byte of data the two low order address bits are
internally incremented by one. The seven high order bits of the
address will remain constant. If the master should transmit more
than 4 bytes of data, the address counter will “roll over,” and the
previously loaded data will be reloaded. See Figure 11.
The WRSR command requires the following sequence. The CS
line is pulled low to select the device and then the WRSR op-code
is transmitted on the SI line followed by the data to be pro-
grammed. See Figure 12.


CS
SI
SO
Write
Op-Code
Byte
Addr (n)
Data
(n)
Data
(n + 1)
Data
(n + 2)
Data
(n + 3)


CS
SI
SO
WRSR
Op-Code
SR Data
xxxxBP1BP0xx
DS012401-13
DS012401-14
FIGURE 11. 4 Byte Page Write
FIGURE 12. Write Status Register
BP0
SCK
SI
SO
CS


DS012401-15
FIGURE 13. Start WRSR Condition
At the completion of a WRITE cycle the device is automatically
returned to the write disable state.
If the device is not WRITE enabled, the device will ignore the
WRITE instruction and return to the standby state when CS is
forced high. A new CS falling edge is required to re-initialize the
serial communication.
WRITE STATUS REGISTER (WRSR): The WRITE STATUS
REGISTER (WRSR) instruction is used to program the non-
volatile status register Bits 2 and 3 (BP0 and BP1). The WRITE
PROTECT (WP) pin must be held high and two separate instruc-
tions must be executed. The chip must first be write enabled via
the WRITE ENABLE instruction and then a WRSR instruction
must be executed.
Note that the first four bits are don’t care bits followed by BP1 and
BP0 then two additional don’t care bits. Programming will start
after the CS pin is forced back to a high level. As in the WRITE
instruction the LOW to HIGH transition of the CS pin must occur
during the SCK low time immediately after clocking in the last don’t
care bit. See Figure 13.
The READY/BUSY status of the device can be determined by
executing a READ STATUS REGISTER (RDSR) instruction. Bit 0
= 1 indicates that the WRSR cycle is still in progress and Bit 0 =
0 indicates that the WRSR cycle has ended.
At the completion of a WRITE cycle the device is automatically
returned to the write disable state.


Similar Part No. - NM25C040M8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LEM8 NSC-NM25C04LEM8 Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LEN NSC-NM25C04LEN Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LM8 NSC-NM25C04LM8 Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
More results

Similar Description - NM25C040M8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66A FAIRCHILD-FM93C66A Datasheet
117Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com