Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7893SQ-10 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7893SQ-10
Description  LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7893SQ-10 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7893SQ-10 Datasheet HTML 4Page - Analog Devices AD7893SQ-10 Datasheet HTML 5Page - Analog Devices AD7893SQ-10 Datasheet HTML 6Page - Analog Devices AD7893SQ-10 Datasheet HTML 7Page - Analog Devices AD7893SQ-10 Datasheet HTML 8Page - Analog Devices AD7893SQ-10 Datasheet HTML 9Page - Analog Devices AD7893SQ-10 Datasheet HTML 10Page - Analog Devices AD7893SQ-10 Datasheet HTML 11Page - Analog Devices AD7893SQ-10 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7893
–11–
REV. E
Effective Number of Bits
The formula for signal to (noise + distortion) ratio (see Termi-
nology section) is related to the resolution or number of bits in
the converter. Rewriting the formula gives a measure of perfor-
mance expressed in effective number of bits (N):
N = (SNR – 1.76) / 6.02
where SNR is Signal to (Noise + Distortion) Ratio.
The effective number of bits for a device can be calculated from
its measured signal to (noise + distortion) ratio. Figure 13 shows
a typical plot of effective number of bits versus frequency for the
AD7893-2 from dc to fSAMPLING/2. The sampling frequency is
102.4 kHz. The plot shows that the AD7893 converts an input
sine wave of 51.2 kHz to an effective numbers of bits of 11,
which equates to a signal to (noise + distortion) level of 68 dB.
INPUT FREQUENCY – kHz
12.0
11.5
10.0
0
51.2
25.6
11.0
10.5
Figure 13. Effective Number of Bits vs. Frequency
The same data is presented in Figure 11 as in Figure 10 except
that, in this case, the output data read for the device occurs dur-
ing conversion. This has the effect of injecting noise onto the die
while bit decisions are being made; this increases the noise gen-
erated by the AD7893. The histogram plot for 8192 conversions
of the same dc input now shows a larger spread of codes with
the rms noise for the AD7893-2 increasing to 210
µV. This ef-
fect will vary depending on where the serial clock edges appear
with respect to the bit trials of the conversion process. It is pos-
sible to achieve the same level of performance when reading
during conversion as when reading after conversion, depending
on the relationship of the serial dock edges to the bit trial points.
CODE
7500
(X–4)
(X–3)
7000
6500
6000
0
5500
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
(X–2)
(X–1)
(X+1) (X+2) (X+3) (X+4)
X
SAMPLING
FREQUENCY = 102.4kHz
T
A
= +25
°C
Figure 11. Histogram of 8192 Conversions with Read Dur-
ing Conversion
Dynamic Performance
With a combined conversion and acquisition time of 7.5
µs, the
AD7893 is ideal for wide bandwidth signal processing applica-
tions. These applications require information on the ADC’s
effect on the spectral content of the input signal. Signal to (noise
+ distortion) ratio, total harmonic distortion, peak harmonic or
spurious noise, and intermodulation distortion are all specified.
Figure 12 shows a typical FFT plot of a 10 kHz, 0 V to +2.5 V
input after being digitized by the AD7893-2, operating at a
102.4 kHz sampling rate. The signal to (noise + distortion)
ratio is 71.5 dB, and the total harmonic distortion is –83 dB.
FREQUENCY – kHz
SNR IS SIGNAL TO (NOISE AND DISTORTION) RATIO
0
–30
–180
0
51.2
25.6
–60
–80
–120
SAMPLE RATE = 102.4kHz
INPUT FREQUENCY = 10kHz
SNR = 71.5dB
TA = +25°C
Figure 12. AD7893 FFT Plot


Similar Part No. - AD7893SQ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
375Kb / 13P
   LC2MOS 12-Bit ADC in 8-Pin Package
More results

Similar Description - AD7893SQ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893_17 Datasheet
375Kb / 13P
   LC2MOS 12-Bit ADC in 8-Pin Package
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
   LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com